Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC804 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC804
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC804 Datasheet(HTML) 4 Page - Semtech Corporation

  SC804 Datasheet HTML 1Page - Semtech Corporation SC804 Datasheet HTML 2Page - Semtech Corporation SC804 Datasheet HTML 3Page - Semtech Corporation SC804 Datasheet HTML 4Page - Semtech Corporation SC804 Datasheet HTML 5Page - Semtech Corporation SC804 Datasheet HTML 6Page - Semtech Corporation SC804 Datasheet HTML 7Page - Semtech Corporation SC804 Datasheet HTML 8Page - Semtech Corporation SC804 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
© 2007 Semtech Corp.
www.semtech.com
SC804
PRELIMINARY
POWER MANAGEMENT
Parameter
Symbol
Conditions
Min
Typ
Max
Units
NTC Thresholds
VT
NTCDIS
SC804 Disabled
0.3
0.6
0.8
V
VT
NTCH
NTC Hot V
TH
Applies to falling threshold
4.3V ≤ VCC ≤ 6.5V
29
30
31
% of
VCC
at VCC = 5V
1.45
1.50
1.55
V
VT
NTCC
NTC Cold V
TH, VCTO = 0V
Applies to rising threshold
4.3V ≤ VCC ≤ 6.5V
73.4
74.4
75.4
% of
VCC
at VCC = 5V
3.67
3.72
3.77
V
VT
NTCHYS
NTC Hot & Cold VT
NTCx
hysteresis
(VT
NTCx Rising - VTNTCx Falling)
Applies to internal NTC
thresholds
50
mV
V
CTO
CTO Voltage (Adjustable NTC
Cold Rising Threshold) Setting
Range(2), -40°C ≤ T
A ≤ 25°C
(NTC Cold Rising Threshold is
VT
NTCC when CTO tied to GND)
50
90
% of
VCC
Threshold Error(3),
-40°C ≤ T
A ≤ 25°C
-70
70
mV
VT
CTOHYS
Internal hysteresis on CTO (V
CTO
Rising - V
CTO Falling)
Applies to externally set NTC
cold threshold
50
mV
Adjust Mode
BSEN Voltage
V
BSEN-ADJ
3.5V ≤ V
OUT ≤ VCC - 150mV
0°C ≤ T
J ≤ 125°C
3.072
3.11
3.134
V
Adjust Mode Enable
Voltage, VOUT-BSEN
V
ADJEN
3.5V ≤ V
OUT ≤ VCC - 150mV
400
mV
Adjust Mode Disable
Voltage, VOUT-BSEN
V
ADJDIS
3.5V ≤ V
OUT ≤ VCC - 150mV
150
mV
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com