Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC804 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC804
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC804 Datasheet(HTML) 5 Page - Semtech Corporation

  SC804 Datasheet HTML 1Page - Semtech Corporation SC804 Datasheet HTML 2Page - Semtech Corporation SC804 Datasheet HTML 3Page - Semtech Corporation SC804 Datasheet HTML 4Page - Semtech Corporation SC804 Datasheet HTML 5Page - Semtech Corporation SC804 Datasheet HTML 6Page - Semtech Corporation SC804 Datasheet HTML 7Page - Semtech Corporation SC804 Datasheet HTML 8Page - Semtech Corporation SC804 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
© 2007 Semtech Corp.
www.semtech.com
SC804
PRELIMINARY
POWER MANAGEMENT
Parameter
Symbol
Conditions
Min
Typ
Max
Units
External RTIM
Regulation Voltage
V
RTIM
R
RTIM = 37.4kΩ
1.4
1.5
1.6
V
Timer Disable Threshold
VT
TIMER
V
RTIM ≤ VTTIMER
disables internal timer
0.65
0.85
V
Internal Timer Select
VT
INTTS
VCC-V
RTIM > VTINTTS
selects internal timer
1.1
V
Pre-Charge Fault Time-Out
T
PreQF
R
RTIM = 37.4kΩ
RTIM pulled to VCC
-20%
-35%
53
45
+20%
+35%
min
Complete Charge
Time-Out
T
QCOMP
R
RTIM = 37.4kΩ
RTIM pulled to VCC
-20%
-35%
3.5
3.0
+20%
+35%
hr
CHRGB On
V
CHRGB
Load = 5mA
0.5
1
V
CHRGB Off
I
CHRGB
Leakage Current, V = 5V
1
μA
CPB On
V
CPB
Load = 5mA
0.5
1
V
CPB Off
I
CPB
Leakage Current, V = 5V
1
μA
OVPB On
V
OVPB
Load = 5mA
0.5
1
V
OVPB Off
I
OVPB
Leakage Current, V = 5V
1
μA
FLTB On
V
FLTB
Load = 5mA
0.5
1
V
FLTB Off
I
FLTB
Leakage Current, V = 5V
1
μA
Notes:
1) VCC
OP Max is the “Maximum Vsupply” as defined in EIA/JEDEC Standard No. 78, paragraph 2.11.
2) The absolute voltage on CTO must not exceed 6.0V to ensure normal operation.
3) The threshold error is tested at V
CTO min and max only.
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com