Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC804 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC804
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC804 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC804 Datasheet HTML 10Page - Semtech Corporation SC804 Datasheet HTML 11Page - Semtech Corporation SC804 Datasheet HTML 12Page - Semtech Corporation SC804 Datasheet HTML 13Page - Semtech Corporation SC804 Datasheet HTML 14Page - Semtech Corporation SC804 Datasheet HTML 15Page - Semtech Corporation SC804 Datasheet HTML 16Page - Semtech Corporation SC804 Datasheet HTML 17Page - Semtech Corporation SC804 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
© 2007 Semtech Corp.
www.semtech.com
SC804
PRELIMINARY
POWER MANAGEMENT
FLAG
ON
OFF
CPB
UVLO < VCC < OVP
Input out of range
CHRGB
IOUT > ITERM
IOUT < ITERM
OVPB
VCC > OVP
VCC < OVP
FLTB
VCC > OVP
VCC UVLO
NTC Temp Fault
Pre-Charge Time-out
(OT (Tj > 150°C)
Normal Operation
or NTC Disable
Applications Information (Cont.)
Charge Mode Timing Diagram
VCC
VOUT
IOUT
CPB
CHRGB
TIMER
FLTB
NTC
UVLO
2.8V
Pre- Charge
Soft Start
Fast Charge
Termination
Current
Re- Charge
Threshold
CC Mode
CV Mode
On
On
On
On
On
On
On
Off
Off
Off
Off
Off
Fault
Hold
Figure 5 - Charge Mode Timing
The CHRGB output indicates the charging status. When
the output current is greater than ITERM, CHRGB is low.
CHRGB is high impedance when IOUT is less than ITERM.
The CHRGB output is latched during the charge cycle when
the output current is less than ITERM. This latch is reset
when the battery enters a recharge cycle, or if NTC or VCC
are toggled.
The OVPB signal is an active-low output that signals when
the input voltage exceeds the OVP threshold. When the
voltage on VCC is less than the OVP threshold voltage this
output is high impedance. The FLTB output is activated
when the SC804 experiences a fault condition. This out-
put can be used to notify the system controller of a fault
condition when connected to an interrupt input, or it can
be used like CPB and CHRGB to drive an indicator LED.
The five fault modes signaled by FLTB are: input over-volt-
age, input under-voltage, NTC temperature out of range,
max die temperature (OT), and pre-charge time-out. When
any of these conditions occurs the FLTB output goes low;
otherwise it remains high impedance.
Capacitor Selection
Low cost, low ESR ceramic capacitors such as the X5R
and X7R dielectric material types are recommended for
use with the SC804. The output capacitance range is 1μF
to 4.7μF. The input capacitor is typically between 0.1μF to
1μF, but Charge Mode Timing Diagram larger values will
not degrade performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com