Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC804 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC804
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC804 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC804 Datasheet HTML 2Page - Semtech Corporation SC804 Datasheet HTML 3Page - Semtech Corporation SC804 Datasheet HTML 4Page - Semtech Corporation SC804 Datasheet HTML 5Page - Semtech Corporation SC804 Datasheet HTML 6Page - Semtech Corporation SC804 Datasheet HTML 7Page - Semtech Corporation SC804 Datasheet HTML 8Page - Semtech Corporation SC804 Datasheet HTML 9Page - Semtech Corporation SC804 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
© 2007 Semtech Corp.
www.semtech.com
SC804
PRELIMINARY
POWER MANAGEMENT
DEVICE
PACKAGE
SC804IMLTRT(1)
MLPQ -16(2)
SC804EVB
Evaluation Board
(2)
Pin Descriptions
Notes:
1) Available in tape and reel packaging only. A reel contains 3000
devices.
2) Available in lead-free packaging only. This product is fully WEEE
and RoHS compliant.
Pin #
Pin Name
Pin Function
1
BSEN
Battery voltage sense. Connect to battery positive terminal for Kelvin voltage sensing, VOUT otherwise. Do not leave open.
2CTO
Cold Temperature Offset. Adjustable NTC input high voltage (cold temperature) threshold. When the pin is
connected to GND the NTC high voltage threshold defaults to VT
NTCC×V
VCC.
3
IPRGM
Charger current program pin for fast-charge mode. Requires a resistor to GND to program fast-charge current.
4
ITERM
Charger termination current program pin. Requires a resistor to GND to program pre-charge and termination current.
5
RGND
Reference ground. Connect to battery’s negative terminal for Kelvin voltage sensing, GND otherwise. Do not leave open.
6
GND
Ground.
7
NTC
Input for battery NTC thermistor network. Voltage between VT
NTCH×V
VCC, normally the hot threshold, and the
CTO voltage (VT
NTCC×V
VCC if CTO is tied to GND), normally the cold threshold, enables charging. Voltages outside
this range suspend charging and drive FLTB pin active (low). Voltage below VT
NTCDIS (nominally 0.6V) disables the
SC804 and resets the charge timer (with FLTB pin inactive).
8
FLTB
Open drain fault indicator. Active low when a fault condition occurs.
9
AFC
Analog Fast Charge input. Connect to a DAC for analog control of fast charge current level, connect to VCC to
disable this feature. Do not leave open.
10
CHRGB
Open drain charge status indicator. Active low when the charger is on and the output current exceeds
the termination current setting, high impedance when I
VOUT < ITERM.
11
CPB
Open drain charger-present indicator. Active low when VCC exceeds UVLO.
12
RTIM
Programmable timer input pin. Connect to VCC to select the default time-out of 3 hours, connect to GND
to disable timer, or connect an external resistor to GND to program the time-out period.
13
OVPB
Open drain over-voltage indicator. Active low when an input over-voltage fault occurs.
14
VCC
Input supply pin. Connect to adapter power.
15
VOUT
Charger output. Connect to battery.
16
VOUT
Charger output. Connect to battery.
T
THERMAL
PAD
Thermal-conduction pad on bottom of the package. Solder directly to the ground plane with multiple
thermal vias to all other ground planes.
Pin Configuration
Ordering Information
Pin Descriptions
TOP VIEW
1
2
3
4
12
11
10
9
16
15
14
13
5678
MLPQ16: 4X4 16 LEAD
T
AFC
CHRGB
CPB
RTIM
BSEN
CTO
IPRGM
ITERM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com