Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC804 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC804
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC804 Datasheet(HTML) 2 Page - Semtech Corporation

  SC804 Datasheet HTML 1Page - Semtech Corporation SC804 Datasheet HTML 2Page - Semtech Corporation SC804 Datasheet HTML 3Page - Semtech Corporation SC804 Datasheet HTML 4Page - Semtech Corporation SC804 Datasheet HTML 5Page - Semtech Corporation SC804 Datasheet HTML 6Page - Semtech Corporation SC804 Datasheet HTML 7Page - Semtech Corporation SC804 Datasheet HTML 8Page - Semtech Corporation SC804 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
© 2007 Semtech Corp.
www.semtech.com
SC804
PRELIMINARY
POWER MANAGEMENT
Unless otherwise noted: VCC = 4.75V - 5.25V. Typical values are at T
A = 25°C Min and Max are for -40°C < TA < +85°C unless noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Operating Voltage
VCC
OP
4.2
5.0
6.1(1)
V
VCC UVLO Rising
Threshold
VT
UVLOR
Charging begins when
threshold is exceeded
3.8
4.0
4.2
V
VCC UVLO Falling
Threshold
VT
UVLOF
Charging continues until
threshold is reached
2.8
3.0
3.2
V
VCC OVP Rising
Threshold
VT
OVPR
6.5
6.8
7.25
V
VCC OVP Falling
Threshold
VT
OVPF
6.1
6.5
6.85
V
VCC OVP Hysteresis
VT
OVPH
200
350
600
mV
Operating Current
ICC
DIS
Shutdown Mode - CHRGB, CPB,
OVPB, FLTB off NTC = 0V
1.9
mA
ICC
CHG
Charging Mode - CHRGB, CPB,
OVPB, FLTB off NTC = 2.5V
2.0
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not implied.
Parameter
Symbol
Maximum
Units
VCC, CTO, NTC to GND
-0.3 to 14.0
V
VOUT, BSEN, RTIM, AFC, IPRGM, CPB, CHRGB, OVPB,
ITERM, FLTB, to GND
-0.3 to +6.0
V
RGND to GND
-0.3 to 0.3
V
VOUT Output Current
I
VOUT
1.5
A
Power Dissipation MLP (Derate 20mW/°C above 85°C)
Pd
2
W
Thermal Impedance, Junction to Ambient(1)
θ
JA
48
°C/W
Junction Temperature
T
J
150
°C
Operating Ambient Temperature Range
T
A
-40 to +85
°C
IR Reflow Temperature
T
LEAD
260
°C
Storage Temperature Range
T
STG
-65 to 150
°C
VOUT short to GND
Continuous
ESD Protection Level(2)
V
ESD
2kV
Notes:
1) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
2) Tested according to JEDEC standard JESD22-A114-B.
Absolute Maximum Ratings
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com