Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K95AE Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT82K95AE
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K95AE Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT82K95AE Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
EEPROM A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Remark
Standard Mode*
VCC=5V
±10%
Unit
Min.
Max.
Min.
Max.
fSK
Clock Frequency
¾¾
100
¾
400
kHz
tHIGH
Clock High Time
¾
4000
¾
600
¾
ns
tLOW
Clock Low Time
¾
4700
¾
1200
¾
ns
tr
SDA and SCL Rise Time
Note
¾
1000
¾
300
ns
tf
SDA and SCL Fall Time
Note
¾
300
¾
300
ns
tHD:STA
START Condition Hold Time
After this period the first
clock pulse is generated
4000
¾
600
¾
ns
tSU:STA
START Condition Setup Time
Only relevant for repeated
START condition
4000
¾
600
¾
ns
tHD:DAT
Data Input Hold Time
¾
0
¾
0
¾
ns
tSU:DAT
Data Input Setup Time
¾
200
¾
100
¾
ns
tSU:STO
STOP Condition Setup Time
¾
4000
¾
600
¾
ns
tAA
Output Valid from Clock
¾¾
3500
¾
900
ns
tBUF
Bus Free Time
Time in which the bus must
be free before a new trans-
mission can start
4700
¾
1200
¾
ns
tSP
Input Filter Time Constant
(SDA and SCL Pins)
Noise suppression time
¾
100
¾
50
ns
tWR
Write Cycle Time
¾¾
5
¾
5ms
Note:
These parameters are periodically sampled but not 100% tested
* The standard mode means VCC=2.2V to 5.5V
For relative timing, refer to timing diagrams
HT82K95EE/HT82K95AE
Rev. 1.20
5
August 28, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com