Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K95AE Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT82K95AE
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K95AE Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT82K95AE Datasheet HTML 21Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 22Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 23Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 24Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 25Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 26Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 27Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 28Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
HT82K95EE/HT82K95AE
Rev. 1.20
25
August 28, 2006
There is a system clock control register implemented to select the clock used in the MCU. This register consists of the
USB clock control bit (USBCKEN), second suspend mode control bit (SUSP2) and system clock selection (SYSCLK).
Bit No.
Label
R/W
Function
2~0, 7
¾¾
Undefined, should be cleared to
²0²
3
USBCKEN R/W
USB clock control bit. When this bit is set to
²1², it indicates that the USB clock is en-
abled. Otherwise, the USB clock is turned-off. (Default=
²0²)
4
SUSP2
R/W
This bit is used for decreasing power consumption in suspend mode.
In normal mode clean this bit=0 (Default=
²0²)
In HALT mode set this bit=1 for decreasing power consumption.
5
PS2_flag
R/W
This flag is used to show the MCU is under PS2 mode. (Bit=1)
This bit is R/W by FW and will be cleared to
²0² after power-on reset. (Default=²0²)
6
SYSCLK
R/W
This bit is used to specify the system oscillator frequency used by the MCU. If a
6MHz crystal oscillator or resonator is used, this bit should be set to
²1². If a 12MHz
crystal oscillator or resonator is used, this bit should be cleared to
²0² (default).
SCC (1CH) Register
Table High Byte Pointer for Current Table Read TBHP (Address 0X1F)
Register
Bits
Labels
Read/Write
Option
Functions
TBHP (0X1F)
3~0
PGC3~PGC0
R/W
¾
Store current table read bit11~bit8 data
Options
The following table shows all kinds of option in the microcontroller. All of the options must be defined to ensure proper
system functioning.
No.
Option
1
Chip lock bit (by bit)
2
PA0~PA7 pull-high resistor enabled or disabled (by bit)
3
PB0~PB7 pull-high resistor enabled or disabled (by nibble)
4
PC0~PC7 pull-high resistor enabled or disabled (by nibble)
5
PD0~PD7 pull-high resistor enabled or disabled (by nibble)
6
LVR enable or disable
7
WDT enable or disable
8
WDT clock source: fSYS/4 or WDTOSC
9
²CLRWDT² instruction(s): 1 or 2
10
PA0~PA7 output structures: CMOS/NMOS open-drain/PMOS open-drain (by bit)
11
PA0~PA7 wake-up enabled or disabled (by bit)
12
PB0~PB7 wake-up enabled or disabled (by nibble)
13
PC0~PC7 wake-up enabled or disabled (by nibble)
14
PD0~PD7 wake-up enabled or disabled (by nibble)
15
TBHP enable or disable (default disable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com