Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K95AE Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT82K95AE
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K95AE Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT82K95AE Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 20Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 21Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 22Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 23Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
Data EEPROM Timing Diagrams
Note:
The write cycle time tWR is the time from a valid stop condition of a write sequence to the end of the valid start
condition of sequential command.
HT82K95EE/HT82K95AE
Rev. 1.20
20
August 28, 2006
t f
t L O W
t r
t H I G H
t S U : S T A
t H D : S T A
t S P
t H D : D A T
t S U : D A T
t S U : S T O
t B U F
V a l i d
V a l i d
S C L
S D A
S D A
O U T
t A A
t W R
S C L
S D A
8 t h b i t
A C K
W o r d n
S t o p
C o n d i t i o n
S t a r t
C o n d i t i o n
Suspend Wake-Up and Remote Wake-Up
If there is no signal on the USB bus for over 3ms, the
HT82K95EE/HT82K95AE will go into suspend mode.
The Suspend line (bit 0 of the USC) will be set to
²1² and
a USB interrupt is triggered to indicate that the
HT82K95EE/HT82K95AE should jump to the suspend
state to meet the 500
mA USB suspend current spec.
In order to meet the 500
mA suspend current, the firm-
ware should disable the USB clock by clearing the
USBCKEN (bit3 of the SCC) to
²0². The suspend cur-
rent is 400
mA.
User can further decrease the suspend current to 250
mA
by setting the SUSP2 (bit4 of the SCC). But if the
SUSP2 is set, user should make sure not to enable the
LVR OPT option, otherwise the HT82K95EE/
HT82K95AE will be reset.
When the resume signal is sent out by the host, the
HT82K95EE/HT82K95AE will wake-up the MCU by
USB interrupt and the Resume line (bit 3 of the USC) is
set. In order to make the HT82K95EE/HT82K95AE
function properly, the firmware must set the USBCKEN
(bit 3 of the SCC) to
²1² and clear the SUSP2 (bit4 of the
SCC). Since the Resume signal will be cleared before
the Idle signal is sent out by the host, the Suspend line
(bit 0 of the USC) will be set to
²0². So when the MCU is
detecting the Suspend line (bit0 of USC), the Resume
line should be remembered and taken into consider-
ation.
After finishing the resume signal, the suspend line will
go inactive and a USB interrupt is triggered. The follow-
ing is the timing diagram.
The device with remote wake up function can wake up
the USB Host by sending a wake-up pulse through
RMWK (bit 1 of the USC). Once the USB Host receives
a wake-up signal from the HT82K95EE/HT82K95AE, it
will send a Resume signal to the device. The timing is as
follows:
S U S P E N D
U S B R e s u m e S i g n a l
U S B _ I N T
S U S P E N D
U S B R e s u m e S i g n a l
U S B _ I N T
R M W K
M i n . 2 . 5 m s
M i n . 1 U S B C L K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com