Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K95AE Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT82K95AE
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K95AE Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT82K95AE Datasheet HTML 20Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 21Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 22Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 23Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 24Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 25Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 26Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 27Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
HT82K95EE/HT82K95AE
Rev. 1.20
24
August 28, 2006
The definitions of the USB/PS2 status and control register (USC; 1AH) are as shown.
Bit No.
Label
R/W
Function
0
SUSP
R
Read only, USB suspend indication. When this bit is set to
²1² (set by SIE), it indi-
cates the USB bus enters suspend mode. The USB interrupt is also triggered on any
changes of this bit.
1
RMWK
W
USB remote wake up command. It is set by MCU to force the USB host leaving the
suspend mode. When this bit is set to
²1²,2ms delay for clearing this bit to ²0² is
needed to insure the RMWK command is accepted by SIE.
2
URST
R/W
USB reset indication. This bit is set/cleared by USB SIE. This bit is used to detect
which bus (PS2 or USB) is attached. When the URST is set to
²1², this indicates that
a USB reset has occurred (the attached bus is USB) and a USB interrupt will be ini-
tialized.
3
RESUME
R
USB resume indication. When the USB leaves the suspend mode, this bit is set to
²1² (set by SIE). This bit will appear 20ms waiting for the MCU to detect. When the
RESUME is set by the SIE, an interrupt will be generated to wake-up the MCU. In or-
der to detect the suspend state, the MCU should set the USBCKEN and clear
SUSP2 (in SCC register) to enable the SIE detecting function. The RESUME will be
cleared while the SUSP is going
²0². When the MCU is detecting the SUSP, the RE-
SUME (wakes-up the MCU ) should be remembered and taken into consideration.
4
PS2DAI
R
Read only, USBD-/DATA input
5
PS2CKI
R
Read only, USBD+/CLK input
6
PS2DAO
W
Data for driving the USBD-/DATA pin when working under 3D PS2 mouse function.
(Default=
²1²)
7
PS2CKO
W
Data for driving the USBD+/CLK pin when working under 3D PS2 mouse function.
(Default=
²1²)
USC (1AH) Register
The USR (USB endpoint interrupt status register) register is used to indicate which endpoint is accessed and to select
the serial bus (PS2 or USB). The endpoint request flags (EP0IF, EP1IF and EP2IF) are used to indicate which end-
points are accessed. If an endpoint is accessed, the related endpoint request flag will be set to
²1² and the USB inter-
rupt will occur (if the USB interrupt is enabled and the stack is not full). When the active endpoint request flag is served,
the endpoint request flag has to be cleared to
²0².
Bit No.
Label
R/W
Function
0
EP0IF
R/W
When this bit is set to
²1² (set by the SIE), it indicates the endpoint 0 is accessed and
a USB interrupt will occur. When the interrupt has been served, this bit should be
cleared by firmware.
1
EP1IF
R/W
When this bit is set to
²1² (set by the SIE), it indicates the endpoint 1 is accessed and
a USB interrupt will occur. When the interrupt has been served, this bit should be
cleared by firmware.
2
EP2IF
R/W
When this bit is set to
²1² (set by the SIE), it indicates the endpoint 2 is accessed and
a USB interrupt will occur. When the interrupt has been served, this bit should be
cleared by firmware.
3, 6
¾¾
Reserved
4
SPS2
R/W
The PS2 function is selected when this bit is set to
²1². (Default=²0²)
5
SUSB
R/W
The USB function is selected when this bit is set to
²1². (Default=²0²)
7
USB_flag
R/W
This flag is used to show the MCU is in USB mode. (Bit=1)
This bit is R/W by FW and will be cleared to
²0² after power-on reset. (Default=²0²)
USR (1BH) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com