Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K95AE Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT82K95AE
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K95AE Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT82K95AE Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 20Page - Holtek Semiconductor Inc HT82K95AE Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
HT82K95EE/HT82K95AE
Rev. 1.20
17
August 28, 2006
Low Voltage Reset
- LVR
The microcontroller contains a low voltage reset circuit
in order to monitor the supply voltage of the device. If the
supply voltage of the device drops to within a range of
0.9V~VLVR such as might occur when changing the bat-
tery, the LVR will automatically reset the device inter-
nally.
The LVR includes the following specifications:
· For a valid LVR signal, a low voltage i.e. a voltage in
the range between 0.9V~VLVR must exist for greater
than 1ms. If the low voltage state does not exceed
1ms, the LVR will ignore it and do not perform a reset
function.
· The LVR uses the
²OR² function with the external
RES signal to perform chip reset.
The relationship between VDD and VLVR is shown below.
Note:
VOPR is the voltage range for proper chip opera-
tion at 4MHz system clock.
5 . 5 V
3 . 3 V
3 . 0 V
0 . 9 V
V D D
V O P R
V L V R
5 . 5 V
V D D
5 . 5 V
V L V R
0 . 9 V
0 V
R e s e t S i g n a l
R e s e t
* 1
* 2
N o r m a l O p e r a t i o n
R e s e t
L V R D e t e c t V o l t a g e
Low Voltage Reset
Note:
*1. To make sure that the system oscillator has stabilized, the SST provides an extra delay of 1024 system
clock pulses before entering the normal operation.
*2. Since low voltage has to be maintained for over 1ms in its original state, therefore there
¢s a 1ms delay
before entering the reset mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com