Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC191AEVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC191AEVB
Description  Low Supply Ripple Synchronous Buck Conversion Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC191AEVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC191AEVB Datasheet HTML 1Page - Semtech Corporation SC191AEVB Datasheet HTML 2Page - Semtech Corporation SC191AEVB Datasheet HTML 3Page - Semtech Corporation SC191AEVB Datasheet HTML 4Page - Semtech Corporation SC191AEVB Datasheet HTML 5Page - Semtech Corporation SC191AEVB Datasheet HTML 6Page - Semtech Corporation SC191AEVB Datasheet HTML 7Page - Semtech Corporation SC191AEVB Datasheet HTML 8Page - Semtech Corporation SC191AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC191
Pin Configuration
DEVICE
PACKAGE
SC191AWLTRT(1)(2)
MLPD-8LD
(2.3mm x 2.3mm BODY SIZE)
SC191AEVB
Evaluation Board
Notes:
1) Available in tape and reel only. A reel contains 3,000 devices.
2) Device is WEEE and RoHS compliant.
Pin Configuration
Ordering Information
PART
V
OUT
SC191A
1.2V*
Output Voltage Options
GND
PGND
LX
VOUT
BP
PVIN
EN
VIN
TOP VIEW
MLPD-8 2.3mm x 2.3mm 8-lead
1
2
3
4
8
7
6
5
nnn = Part Number
yw = Datecode
91A
yw
Marking Information
*Only option currently available - contact Semtech for other voltage options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com