Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC191AEVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC191AEVB
Description  Low Supply Ripple Synchronous Buck Conversion Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC191AEVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC191AEVB Datasheet HTML 1Page - Semtech Corporation SC191AEVB Datasheet HTML 2Page - Semtech Corporation SC191AEVB Datasheet HTML 3Page - Semtech Corporation SC191AEVB Datasheet HTML 4Page - Semtech Corporation SC191AEVB Datasheet HTML 5Page - Semtech Corporation SC191AEVB Datasheet HTML 6Page - Semtech Corporation SC191AEVB Datasheet HTML 7Page - Semtech Corporation SC191AEVB Datasheet HTML 8Page - Semtech Corporation SC191AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC191
Absolute Maximum Ratings
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not recommended.
Unless otherwise noted: V
IN = 3.6V , VEN = VIN , TA = -40°C to 85°C . Typical values are at TA = 25°C.
Notes:
1) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad as per JESD51 standards.
2) Tested according to JEDEC standard JESD22-A114-B.
Electrical Characteristics
Absolute Maximum Ratings
Parameter
Symbol
Maximum
Units
Input Voltage
V
VIN, VPVIN
-0.3 to 7.0
V
Enable Input
V
EN
-0.3 to 7.0
V
LX Voltage
V
LX
-1 to V
BP + 1 (7V max)
V
Output Voltage
V
VOUT
-0.3 to 7.0
V
BP Voltage
V
BP
0.3 to 7.0
V
Thermal Impedance Junction to Ambient1
θ
JA
135
°C/W
V
OUT Short Circuit to GND
t
SC
Continuous
s
Storage Temperature
T
S
-60 to +160
°C
Junction Temperature
T
JC
+150
°C
Peak IR Reflow Temperature
T
LEAD
260
°C
ESD Protection Level2
V
ESD
2kV
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage Range
V
IN
2.7
5.5
V
Input Voltage Ripple
V
IN (P-P)
C
IN = CBP = 10μF1
mV
Line Regulation
V
LINEREG
I
OUT = 150mA
-0.3
0.3
%/V
Load Regulation
V
LOADREG
0mA < I
OUT < 330mA
0.002
%/mA
P-Channel On Resistance
R
DSP
I
LX = 100mA
0.3
Ω
N-Channel On Resistance
R
DSN
I
LX = 100mA
0.2
Ω
Start-Up Time
T
START
I
OUT = 150mA
1.25
ms
Output Voltage Accuracy
ΔV
OUT
I
OUT = 150mA
-3
3
%
I
OUT = 150mA, TA = 25°C
-1.5
1.5
%
Front End LDO (FELDO)
V
BP
I
BP = 110mA
(1)
300
325
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com