Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC191AEVB Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC191AEVB
Description  Low Supply Ripple Synchronous Buck Conversion Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC191AEVB Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC191AEVB Datasheet HTML 4Page - Semtech Corporation SC191AEVB Datasheet HTML 5Page - Semtech Corporation SC191AEVB Datasheet HTML 6Page - Semtech Corporation SC191AEVB Datasheet HTML 7Page - Semtech Corporation SC191AEVB Datasheet HTML 8Page - Semtech Corporation SC191AEVB Datasheet HTML 9Page - Semtech Corporation SC191AEVB Datasheet HTML 10Page - Semtech Corporation SC191AEVB Datasheet HTML 11Page - Semtech Corporation SC191AEVB Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC191
Table 3: Recommended Capacitors
Manufacturer
Part Number
Value
(μF)
Rated Voltage
(VDC)
Temperature
Coefficient
Package Size
Murata
GRM-188R60J475KE19D
4.7
6.3
X5R
0603
Murata
GRM-188R60G106ME47D
10
4
X5R
0603
TDK
C1608X5R0G106M
10
4
X5R
0603
PCB Layout Considerations
Poor layout can degrade the performance of the DC-DC
converter and can be a contributory factor in EMI prob-
lems, ground bounce and resistive voltage losses. Poor
regulation and instability can result. A few simple design
rules can be implemented to ensure good layout:
1) Place the inductor and filter capacitors as close to the
device as possible and use short, wide traces between
the power components.
2) Route the output voltage feedback path away from in-
SC191
LOUT
VOUT
CIN
COUT
CBP
VIN
GND
Vias to GND
Plane
LX
GND
ductor and LX node to minimize noise and magnetic inter-
ference. Use a ground plane to further reduce noise.
3) Maximize ground metal on the component side to
improve the return connection and thermal dissipation.
Separation between the LX node and GND should be
maintained to avoid coupling of switching noise to the
ground plane.
4) To further reduce noise interference on sensitive circuit
nodes, use a ground plane with several vias connecting
all ground planes together.
Applications Information (Cont.)
Suggested Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com