Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC191AEVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC191AEVB
Description  Low Supply Ripple Synchronous Buck Conversion Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC191AEVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC191AEVB Datasheet HTML 3Page - Semtech Corporation SC191AEVB Datasheet HTML 4Page - Semtech Corporation SC191AEVB Datasheet HTML 5Page - Semtech Corporation SC191AEVB Datasheet HTML 6Page - Semtech Corporation SC191AEVB Datasheet HTML 7Page - Semtech Corporation SC191AEVB Datasheet HTML 8Page - Semtech Corporation SC191AEVB Datasheet HTML 9Page - Semtech Corporation SC191AEVB Datasheet HTML 10Page - Semtech Corporation SC191AEVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
7
SC191
Table 1: Output Filter Combinations
The selection of smaller inductor and capacitor values will
move the corner frequency, having an impact on system
stability. Due to this issue the practical lower limit for the
inductor value is 4.7μH.
Inductor Selection
The value of the inductor should be in the range 4.7μH
to 10μH. The magnitude of the inductor current ripple is
dependant on the inductor value and can be determined
by the following equation:
V
OUT
V
OUT
ΔI
L = ———
(1+ ———)
L × f
OSC
V
IN
This equation demonstrates the relationship between V
IN,
V
OUT and IL. To minimize conduction losses and maximize
efficiency, the inductor should have a low DC resistance.
As a minimum requirement, the DC current rating of the
inductor should be equal to the maximum load current
plus half of the inductor current ripple as described by the
following equation:
ΔI
L
I
L(PK) = IOUT(MAX) + ——
2
L (μH)
C
OUT (μF)
4.7
4.7
4.7
10
10
10
Alternatively, the inductor saturation current should be
greater than the switch current limit. Final inductor selec-
tion will depend on various design considerations such
as efficiency, EMI, size and cost (see Table 2 for a list of
practical inductor options).
CIN Selection
To prevent large input voltage ripple caused by discon-
tinuous source input current, a low ESR ceramic capacitor
is required. A minimum value of 4.7μF should be used
for sufficient input voltage filtering, and a 10μF capacitor
is strongly recommended for optimum input voltage fil-
tering. Input voltage ripple of approximately 1mV can be
achieved when CIN = 10μF and the front-end LDO regu-
lator is active and pre-regulating the input supply to the
switching regulator.
COUT Selection
A 10μF ceramic capacitor is recommended for the out-
put filter capacitor. Output voltage ripple is mainly deter-
mined by the filter capacitor in the following equation:
ΔV
OUT(ESR) = ΔIL(ripple) × ESRCOUT
X7R or X5R ceramic dielectric capacitors should be used
because of their low ESR and superior temperature and
voltage characteristics. Y5V ceramic capacitors should
be avoided due to their widely-varying temperature coef-
ficients.
Manufacturer
Part Number
Value
(μH)
DCR
Ω
Rated Current
(A) (40°C rise)
I
SAT (A)
L drop 25%
Tolerance
(± %)
Dimensions
(LxWxH mm)
TDK
LDR655312T-4R7W
4.7
0.206
0.9
-
20
6.5x5.3x1.2
Sumida
CDRH3D16LD
4.7
0.073
0.68
-
30
4x4x1.8
Taiyo Yuden
LMNP04SB100M
10
0.066
0.9
-
20
5x5x2
Coilcraft
LPS3015
10
0.044
-
0.65
20
3x3x1.5
Coilcraft
LP06610-103M
10
0.41
-
0.8
20
6.9x3.8x1.0
Table 2: Recommended Inductors
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com