Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC191AEVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC191AEVB
Description  Low Supply Ripple Synchronous Buck Conversion Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC191AEVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC191AEVB Datasheet HTML 1Page - Semtech Corporation SC191AEVB Datasheet HTML 2Page - Semtech Corporation SC191AEVB Datasheet HTML 3Page - Semtech Corporation SC191AEVB Datasheet HTML 4Page - Semtech Corporation SC191AEVB Datasheet HTML 5Page - Semtech Corporation SC191AEVB Datasheet HTML 6Page - Semtech Corporation SC191AEVB Datasheet HTML 7Page - Semtech Corporation SC191AEVB Datasheet HTML 8Page - Semtech Corporation SC191AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
5
SC191
Pin Descriptions
Pin#
Pin Name Pin Function
1BP
Regulated output, with respect to VIN, of the front-end LDO. A 4.7μF decoupling capacitor
should be connected to this pin. This output is connected directly to the internal switching
MOSFETs.
2
PVIN
Input power supply for the power devices.
3
VIN
Input power supply for the analog functions.
4EN
Enable (digital input): high input enables the SC191, a low disables and reduces the quiescent
current to < 1μA. In shutdown LX becomes high impedance.
5
VOUT
Regulated output voltage and feedback for the SC191.
6
GND
Ground: this pin should be connected directly to PGND on the user’s PCB.
7
PGND
Power Ground: this pin should be connected directly to GND on the user’s PCB and should
be the reference point for the input, output and BP capacitor GND connections. These ground
paths should be separate and as short as possible to minimize circuit noise.
8
LX
Inductor connection to the switching MOSFETs.
Control
Logic
500mV
OSC and Slope
Generator
VOUT
EN
VIN
PVIN
BP
LX
PGND
GND
LDO
Error Amp
Front-End
LDO
Current
Amp
PWM
Comp
Error
Amp
Nlimit
Comp
Plimit
Amp
4
6
5
1
2
3
7
8
Voltage
References
VREF1
VREF1
500mV
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com