Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC614 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC614
Description  Low Noise Backlight and Flash Driver With Serial Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC614 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC614 Datasheet HTML 3Page - Semtech Corporation SC614 Datasheet HTML 4Page - Semtech Corporation SC614 Datasheet HTML 5Page - Semtech Corporation SC614 Datasheet HTML 6Page - Semtech Corporation SC614 Datasheet HTML 7Page - Semtech Corporation SC614 Datasheet HTML 8Page - Semtech Corporation SC614 Datasheet HTML 9Page - Semtech Corporation SC614 Datasheet HTML 10Page - Semtech Corporation SC614 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
© 2006 Semtech Corp.
POWER MANAGEMENT
SC614
United States Patent No. 6,504,422
www.semtech.com
7
POWER MANAGEMENT
Pin Descriptions
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
11
M
.
d
e
s
u
t
o
n
fi
d
e
t
c
e
n
n
o
c
n
u
e
v
a
e
L
.
1
D
E
L
t
h
g
il
k
c
a
b
n
i
a
m
r
o
f
t
u
p
n
i
k
n
i
s
t
n
e
r
r
u
C
2N
E.
h
g
i
h
e
v
it
c
a
,t
u
p
n
i
e
l
b
a
n
E
3M
I
D
S.
N
O
=
w
o
l
,
F
F
O
=
h
g
i
H
.
s
D
E
L
t
h
g
il
k
c
a
b
b
u
s
r
o
f
n
i
p
g
n
i
m
m
i
D
4M
I
D
M.
N
O
=
w
o
l
,
F
F
O
=
h
g
i
H
.
s
D
E
L
t
h
g
il
k
c
a
b
n
i
a
m
r
o
f
n
i
p
g
n
i
m
m
i
D
5L
E
S
A
o
w
t
s
w
o
ll
a
s
i
h
T
.
s
s
e
r
d
d
a
e
c
i
v
e
d
e
h
t
n
i
ti
b
e
n
o
t
e
s
o
t
h
g
i
h
r
o
w
o
l
d
e
ll
u
p
e
b
n
a
c
n
i
P
.t
c
e
l
e
s
s
s
e
r
d
d
A
.
s
u
b
e
m
a
s
e
h
t
o
t
d
e
t
c
e
n
n
o
c
e
b
o
t
s
e
c
i
v
e
d
6L
F.
F
F
O
=
w
o
l
,
N
O
=
h
g
i
H
.
s
D
E
L
h
s
a
lf
r
o
f
n
i
p
l
o
r
t
n
o
C
7A
D
SI2
.
d
e
r
i
u
q
e
r
s
i
r
o
t
s
i
s
e
r
p
u
-l
l
u
p
l
a
n
r
e
t
x
e
n
A
.
)l
a
n
o
it
c
e
r
i
d
-
i
b
(
a
t
a
d
l
a
ir
e
s
C
8L
C
SI2
.
d
e
r
i
u
q
e
r
s
i
r
o
t
s
i
s
e
r
p
u
-l
l
u
p
l
a
n
r
e
t
x
e
n
A
.t
u
p
n
i
k
c
o
l
c
C
9T
U
O
V.
6
1
n
i
p
o
t
t
c
e
n
n
o
C
.t
u
p
t
u
o
p
m
u
p
e
g
r
a
h
C
0
1+
1
C.
n
o
it
c
e
n
n
o
c
e
v
it
i
s
o
p
1
C
r
o
ti
c
a
p
a
c
t
e
k
c
u
B
1
1N
I
V.
7
1
n
i
p
o
t
t
c
e
n
n
o
C
.t
u
p
n
i
e
g
a
tl
o
v
y
r
e
tt
a
B
2
1D
N
G.
e
n
a
l
p
d
n
u
o
r
g
o
t
y
lt
c
e
r
i
d
t
c
e
n
n
o
C
.
n
i
p
d
n
u
o
r
G
3
1-
1
C.
n
o
it
c
e
n
n
o
c
e
v
it
a
g
e
n
1
C
r
o
ti
c
a
p
a
c
t
e
k
c
u
B
4
1-
2
C.
n
o
it
c
e
n
n
o
c
e
v
it
a
g
e
n
2
C
r
o
ti
c
a
p
a
c
t
e
k
c
u
B
5
1+
2
C.
n
o
it
c
e
n
n
o
c
e
v
it
i
s
o
p
2
C
r
o
ti
c
a
p
a
c
t
e
k
c
u
B
6
1T
U
O
V
T
U
O
V
ll
A
.
1
2
n
i
p
o
t
r
o
ti
c
a
p
a
c
c
i
m
a
r
e
c
F
μ
1
a
g
n
i
s
u
n
i
p
s
i
h
t
e
l
p
u
o
c
e
D
.t
u
p
t
u
o
p
m
u
p
e
g
r
a
h
C
.r
o
ti
c
a
p
a
c
s
i
h
t
f
o
p
o
t
e
h
t
o
t
d
e
r
r
a
t
s
e
b
d
l
u
o
h
s
s
n
o
it
c
e
n
n
o
c
7
1N
I
V
.
1
2
n
i
p
o
t
r
o
ti
c
a
p
a
c
c
i
m
a
r
e
c
F
μ
2
.
2
a
g
n
i
s
u
n
i
p
s
i
h
t
e
l
p
u
o
c
e
D
.t
u
p
n
i
e
g
a
tl
o
v
y
r
e
tt
a
B
8
11
L
F
/
3
S
h
s
a
lf
m
u
m
i
x
a
m
r
o
f
3
L
F
/
1
S
d
n
a
2
L
F
/
2
S
h
ti
w
e
n
i
b
m
o
C
.
h
s
a
lf
r
o
t
h
g
il
k
c
a
b
b
u
s
r
o
f
t
u
p
n
i
k
n
i
s
t
n
e
r
r
u
C
.
d
e
s
u
t
o
n
fi
d
e
t
c
e
n
n
o
c
n
u
e
v
a
e
L
.
y
ti
li
b
a
p
a
c
t
n
e
r
r
u
c
9
12
L
F
/
2
S
h
s
a
lf
m
u
m
i
x
a
m
r
o
f
1
L
F
/
3
S
d
n
a
3
L
F
/
1
S
h
ti
w
e
n
i
b
m
o
C
.
h
s
a
lf
r
o
t
h
g
il
k
c
a
b
b
u
s
r
o
f
t
u
p
n
i
k
n
i
s
t
n
e
r
r
u
C
.
d
e
s
u
t
o
n
fi
d
e
t
c
e
n
n
o
c
n
u
e
v
a
e
L
.
y
ti
li
b
a
p
a
c
t
n
e
r
r
u
c
0
23
L
F
/
1
S
h
s
a
lf
m
u
m
i
x
a
m
r
o
f
1
L
F
/
3
S
d
n
a
2
L
F
/
2
S
h
ti
w
e
n
i
b
m
o
C
.
h
s
a
lf
r
o
t
h
g
il
k
c
a
b
b
u
s
r
o
f
t
u
p
n
i
k
n
i
s
t
n
e
r
r
u
C
.
d
e
s
u
t
o
n
fi
d
e
t
c
e
n
n
o
c
n
u
e
v
a
e
L
.
y
ti
li
b
a
p
a
c
t
n
e
r
r
u
c
1
2D
N
G.
e
n
a
l
p
d
n
u
o
r
g
o
t
y
lt
c
e
r
i
d
t
c
e
n
n
o
C
.
n
i
p
d
n
u
o
r
G
2
24
M
.
d
e
s
u
t
o
n
fi
d
e
t
c
e
n
n
o
c
n
u
e
v
a
e
L
.
4
D
E
L
t
h
g
il
k
c
a
b
n
i
a
m
r
o
f
t
u
p
n
i
k
n
i
s
t
n
e
r
r
u
C
3
23
M
.
d
e
s
u
t
o
n
fi
d
e
t
c
e
n
n
o
c
n
u
e
v
a
e
L
.
3
D
E
L
t
h
g
il
k
c
a
b
n
i
a
m
r
o
f
t
u
p
n
i
k
n
i
s
t
n
e
r
r
u
C
4
22
M
.
d
e
s
u
t
o
n
fi
d
e
t
c
e
n
n
o
c
n
u
e
v
a
e
L
.
2
D
E
L
t
h
g
il
k
c
a
b
n
i
a
m
r
o
f
t
u
p
n
i
k
n
i
s
t
n
e
r
r
u
C
-L
A
M
R
E
H
T
D
A
P
d
e
t
c
e
n
n
o
c
t
o
N
.
s
a
i
v
e
l
p
it
l
u
m
g
n
i
s
u
e
n
a
l
p
d
n
u
o
r
g
o
t
t
c
e
n
n
o
C
.
s
e
s
o
p
r
u
p
g
n
i
k
n
i
s
t
a
e
h
r
o
f
d
a
P
.
y
ll
a
n
r
e
t
n
i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com