Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC614 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC614
Description  Low Noise Backlight and Flash Driver With Serial Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC614 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC614 Datasheet HTML 9Page - Semtech Corporation SC614 Datasheet HTML 10Page - Semtech Corporation SC614 Datasheet HTML 11Page - Semtech Corporation SC614 Datasheet HTML 12Page - Semtech Corporation SC614 Datasheet HTML 13Page - Semtech Corporation SC614 Datasheet HTML 14Page - Semtech Corporation SC614 Datasheet HTML 15Page - Semtech Corporation SC614 Datasheet HTML 16Page - Semtech Corporation SC614 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
© 2006 Semtech Corp.
POWER MANAGEMENT
SC614
United States Patent No. 6,504,422
www.semtech.com
13
POWER MANAGEMENT
would be between 18.4mA and 21.6mA (+/-8%). All 7
outputs meet this requirement over the industrial
temperature range. To calculate the accuracy based
upon the actual measured LED current, I
LED_ACC, use the
following formula:
(
)
%
100
I
I
I
I
)
SET
(
LED
)
SET
(
LED
)
Measured
(
LED
ACC
_
LED
•
−
±
=
Current Matching
The current matching percentage is a figure that
represents how closely matched LEDs are that are set
to the same current. For any particular LED within a group
of LEDs set to the same current, the matching is the
ΔI
for that LED from the average of the minimum and
maximum value of the group (i.e. the center of the
measured current range) expressed as a percentage of
that average.
Current matching is calculated as follows:
%
100
2
I
I
I
or
%
100
2
I
I
I
I
MIN
MAX
MIN
MIN
MAX
MAX
LED
_
LED
•
⎟⎟
⎟
⎟
⎟
⎠
⎞
⎜⎜
⎜
⎜
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
+
•
⎟⎟
⎟
⎟
⎟
⎠
⎞
⎜⎜
⎜
⎜
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
+
=
Which can be reduced to:
(
)
()
%
100
I
I
I
I
I
MIN
MAX
MIN
MAX
LED
_
LED
•
+
−
±
=
Protection Circuitry
The SC614 also provides protection circuitry that
prevents the device from operating in an unspecified
state. These include Output Over-Voltage Protection
(OVP), Over-Temperature Protection (OTP), Over-Current
Protection (OCP) and Short-Circuit Protection (SCP).
Output Over-Voltage Protection
Output over-voltage protection is included to prevent the
SC614 from generating an output voltage that could
damage other devices connected to it such as load LEDs
any bypass capacitors. When the output voltage exceeds
5.7V, the OVP circuitry disables the charge pump until
the output voltage decreases to an acceptable level.
Usually the only reason for the output voltage to trip OVP
is if one of the LEDs goes open. If this happens the
SC614 will raise the output voltage to attempt to bring
Applications Information (Cont.)
that LED current back into regulation. When the OVP trip
point is reached, the charge pump will be turned off. Any
current sinks that measure close to ground will be turned
off in an attempt to isolate the faulty LED. Once the
output voltage drops enough the charge pump will
resume operation.
Over-Temperature Protection
The over-temperature protection circuitry helps to
prevent the device from overheating and experiencing a
catastrophic failure. When the junction temperature
exceeds 160°C the output is disabled and the device
enters sleep mode. All register settings are retained. The
junction temperature must drop by more than the
hysteresis of 10°C before the part exits sleep mode and
re-commences normal operation.
Over-Current and Short Circuit Protection
Adaptive current limit circuitry is provided to protect the
device from various levels of shorts from resistive to full
shorts as well as to limit in-rush current at start-up and
during mode transitions. The current limit levels adjust
to the total output current set for the LEDs and thus will
be higher when very high levels of currents are
programmed, such as for flash operation. The current
limit levels are set to ensure that the device will not
current limit under normal operation. When an output
short circuit occurs, the device folds back the current
limit level to a nominal 300mA. If sustained current limit
occurs the device may shut down due to internal heating
triggering the OTP circuitry.
Capacitor Selection
The SC614 is designed to use low-ESR ceramic
capacitors for all four external capacitors: input, output
and charge pump bucket capacitors. Ideal performance
is achieved when the bucket capacitors (C3 and C4 in
the application circuit) are exactly equal. Note: It is
recommended that X5R or X7R capacitors are used for best
performance.
Thermal Resistance and Heat Management
The SC614 is packaged in a thermally efficient MLPQ24
package that has a thermal pad to remove the heat from
the part. It is intended to be connected using multiple
vias to the ground plane, and the thermal resistance
rating of 40°C/W reflects this. A good layout will enable
the part to operate at maximum output current ratings
without tripping the OTP circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com