Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC614 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC614
Description  Low Noise Backlight and Flash Driver With Serial Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC614 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC614 Datasheet HTML 10Page - Semtech Corporation SC614 Datasheet HTML 11Page - Semtech Corporation SC614 Datasheet HTML 12Page - Semtech Corporation SC614 Datasheet HTML 13Page - Semtech Corporation SC614 Datasheet HTML 14Page - Semtech Corporation SC614 Datasheet HTML 15Page - Semtech Corporation SC614 Datasheet HTML 16Page - Semtech Corporation SC614 Datasheet HTML 17Page - Semtech Corporation SC614 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
© 2006 Semtech Corp.
POWER MANAGEMENT
SC614
United States Patent No. 6,504,422
www.semtech.com
14
Applications Information (Cont.)
Layout Guidelines
The following layout is suggested (shown as three-layer (top, bottom and ground layer) only for clarity). C1 is the
input capacitor which should be placed close to pin 17. C2 is the output capacitor which should be placed close to
pin 16. The capacitors C3 and C4 are the bucket capacitors which can carry up to the full load current of 434mA
pulsed for one half clock cycle (at either 250kHz or 1.33MHz depending upon selected operating frequency).
Multiple vias should be used whenever it is necessary to change layers on nets connecting to CIN, VOUT, C1+,
C1-, C2+ and C2-. As mentioned before, the thermal pad should connect to ground using multiple vias, with 4 vias
recommended.
Top Copper and Top Silkscreen
Layout Guidelines Schematic
C2
1u
C1
2u2
C3 1u
C4 1u
VIN
11
VIN
17
EN
2
SDA
7
SCL
8
ASEL
5
SDIM
3
MDIM
4
FL
6
VOUT
9
VOUT
16
M1
1
M2
24
M3
23
M4
22
S1/FL3
20
S2/FL2
19
S3/FL1
18
GND
12
GND
21
U1
SC614
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com