Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC614 Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC614
Description  Low Noise Backlight and Flash Driver With Serial Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC614 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC614 Datasheet HTML 17Page - Semtech Corporation SC614 Datasheet HTML 18Page - Semtech Corporation SC614 Datasheet HTML 19Page - Semtech Corporation SC614 Datasheet HTML 20Page - Semtech Corporation SC614 Datasheet HTML 21Page - Semtech Corporation SC614 Datasheet HTML 22Page - Semtech Corporation SC614 Datasheet HTML 23Page - Semtech Corporation SC614 Datasheet HTML 24Page - Semtech Corporation SC614 Datasheet HTML 25Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
© 2006 Semtech Corp.
POWER MANAGEMENT
SC614
United States Patent No. 6,504,422
www.semtech.com
21
POWER MANAGEMENT
Stop Separated Reads: A further form of read is available which is, in effect, an extension of the combined format
read. This format allows a master to set up the register address pointer for a read, and return to that slave some
time later to read the data. After a start condition, the slave address is sent, followed by a write. The SC614 then
acknowledges that it is being addressed, and the master responds with the 8-bit target register address. The
master then sends a stop or repeated start condition, and may address another slave. Some time later the master
sends a start or repeated start condition, and a valid slave address is sent, followed by a read. The SC614 then
acknowledges and returns the data at the register address location that had previously been set up.
S
s
s
e
r
d
d
A
e
v
a
l
S
WA
s
s
e
r
d
d
A
r
e
t
s
i
g
e
RA
P
r
e
t
s
a
M
(
s
e
s
s
e
r
d
d
A
r
e
h
t
O
)
s
e
v
a
l
S
r
S
/
S
s
s
e
r
d
d
A
e
v
a
l
S
RA
a
t
a
D
N
P
S:
Start Condition
Slave Address:
7 bit
W:
Write = 0
Register Address:
8 bit
A:
Acknowledge (SDA low)
Data:
8 bit
P:
Stop Condition
Sr:
Repeated Start
R:
Read = 0
Shaded represents transmission from master to slave and unshaded represents transmission from slave to master.
Using the I2C Serial Port (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com