Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC614 Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC614
Description  Low Noise Backlight and Flash Driver With Serial Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC614 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC614 Datasheet HTML 15Page - Semtech Corporation SC614 Datasheet HTML 16Page - Semtech Corporation SC614 Datasheet HTML 17Page - Semtech Corporation SC614 Datasheet HTML 18Page - Semtech Corporation SC614 Datasheet HTML 19Page - Semtech Corporation SC614 Datasheet HTML 20Page - Semtech Corporation SC614 Datasheet HTML 21Page - Semtech Corporation SC614 Datasheet HTML 22Page - Semtech Corporation SC614 Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
© 2006 Semtech Corp.
POWER MANAGEMENT
SC614
United States Patent No. 6,504,422
www.semtech.com
19
POWER MANAGEMENT
Application Examples (Cont.)
Main Backlight Plus RGB Indicator
D1
LED
C2
1u
D2
LED
D3
LED
D4
LED
D5
C1
2u2
C3 1u
C4 1u
VIN
11
VIN
17
EN
2
SDA
7
SCL
8
ASEL
5
SDIM
3
MDIM
4
FL
6
VOUT
9
VOUT
16
M1
1
M2
24
M3
23
M4
22
S1/FL3
20
S2/FL2
19
S3/FL1
18
GND
12
GND
21
U1
SC614
SDA
EN
SDIM
SCL
FL
MDIM
VBAT
R1
Pull-up
VLOGIC
R2
Pull-up
Note: R1 and R2
pull-up resistors are a
requirement of the I2C
specification
MAIN BACKLIGHT
RGB INDICATOR
RGB_LED
102mA Max
102mA Max
102mA Max
102mA Max
328mA Max Continuous
102mA Max
102mA Max
102mA Max
434mA Max (500ms)
Features:
•
Up to 4 LED main backlight with up to 32mA per LED
•
PWM dimming of backlight using MDIM pin
•
3 current sinks for RGB with up to 32mA per LED
•
Dimming and color rotation of RGB over I2C interface
Register Settings (20mA backlight currents and as required on the fly RGB current used as an example):
0x00: set to 0x7F to enable all 7 current sinks for use
0x01 through 0x04: set to 0x32 for 20mA per current sink
0x05 through 0x07: set to as required on the fly for each color
0x08: set to 0x00 for Flash Mode disabled (FL pin inactive) and 250kHz charge pump frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com