Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC310 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC310
Description  High-Side Current-Sense Amplifier with Low Impedance Voltage Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC310 Datasheet(HTML) 4 Page - Semtech Corporation

  SC310 Datasheet HTML 1Page - Semtech Corporation SC310 Datasheet HTML 2Page - Semtech Corporation SC310 Datasheet HTML 3Page - Semtech Corporation SC310 Datasheet HTML 4Page - Semtech Corporation SC310 Datasheet HTML 5Page - Semtech Corporation SC310 Datasheet HTML 6Page - Semtech Corporation SC310 Datasheet HTML 7Page - Semtech Corporation SC310 Datasheet HTML 8Page - Semtech Corporation SC310 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC310
3
1
SHDN
TOP VIEW
(SOT-23 6L)
5
CS-
VCC
6
CS+
4
OUT
2
GND
Pin Configuration
Ordering Information
e
c
i
v
e
D
)
3
(
)
2
(
)
1
(
e
g
a
k
c
a
P
T
R
T
K
S
X
0
1
3
C
S6
-
3
2
-
T
O
S
B
V
E
X
0
1
3
C
Sd
r
a
o
B
n
o
it
a
u
l
a
v
E
Pin Descriptions
n
i
Pe
m
a
Nn
o
i
t
c
n
u
F
1N
D
H
SC
I
e
h
t
e
l
b
a
n
e
o
t
D
N
G
o
t
t
c
e
n
n
o
C
2D
N
Gd
n
u
o
r
G
3C
C
V
r
o
ti
c
a
p
a
c
F
µ
1
.
0
a
h
ti
w
d
n
u
o
r
g
o
t
s
s
a
p
y
b
,t
u
p
n
I
e
g
a
tl
o
V
y
l
p
p
u
S
4+
S
Cr
o
t
s
i
s
e
r
e
s
n
e
s
l
a
n
r
e
t
x
e
o
t
n
o
it
c
e
n
n
o
c
e
d
i
s
r
e
w
o
P
5-
S
Cr
o
t
s
i
s
e
r
e
s
n
e
s
l
a
n
r
e
t
x
e
e
h
t
r
o
f
n
o
it
c
e
n
n
o
c
e
d
i
s
d
a
o
L
6T
U
OV
,t
u
p
t
u
o
e
g
a
tl
o
V
T
U
O
V
o
t
l
a
n
o
it
r
o
p
o
r
p
s
i
E
S
N
E
S
V
(
+
S
C
V
-
-
S
C )
SC310A, gain = 20 V/V
SC310B, gain = 50 V/V
SC310C, gain = 100 V/V
Notes:
(1) Where X denotes Gain options. Available Gains are:
20 V/V (A), 50 V/V (B), 100 V/V (C). Contact factory for
additional voltage options.
(2) Only available in tape and reel packaging. A reel
contains 3000 devices.
(3) This lead-free device is fully RoHS and WEEE compli-
ant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com