Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC310 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC310
Description  High-Side Current-Sense Amplifier with Low Impedance Voltage Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC310 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC310 Datasheet HTML 4Page - Semtech Corporation SC310 Datasheet HTML 5Page - Semtech Corporation SC310 Datasheet HTML 6Page - Semtech Corporation SC310 Datasheet HTML 7Page - Semtech Corporation SC310 Datasheet HTML 8Page - Semtech Corporation SC310 Datasheet HTML 9Page - Semtech Corporation SC310 Datasheet HTML 10Page - Semtech Corporation SC310 Datasheet HTML 11Page - Semtech Corporation SC310 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC310
Block Diagram
Detailed Description
SC310 is a unidirectional high-side current sense ampli-
fier for precision current monitoring. It has a wide com-
mon-mode range of 2.7 to 25V and allows high-side cur-
rent-sensing at voltages greater than supply voltage (V
CC).
The SC310 operates as follows: Current from source (as
shown in the typical applications circuit on page. 1), flows
through RSENSE to the load. Since the inverting input of
amplifier A has a high input impedance, negligible cur-
rent flows through R5 (neglecting the input bias current).
Amplifier A has an inverting input voltage which equals
V(CS+) - I
LOAD*RSENSE. The amplifier’s high open-loop gain
forces the non-inverting input voltage to the same volt-
age as the inverting input. The drop across R4 equals
I
LOAD*RSENSE.
Since I
R4 flows through R4, IR4 =
(I
LOAD*RSENSE)/R4. Resistor R3 then sets the overall gain
for amplifier A, A1, A2 or A3 (neglecting the input bias
currents for non-inverting inputs for amplifiers A and B).
The second amplifier, B, is a fixed gain stage (gain = B)
and the final output includes the gain obtained from this
stage.
n
o
i
s
r
e
Vn
o
i
s
r
e
V
n
o
i
s
r
e
V
n
o
i
s
r
e
Vn
o
i
s
r
e
Vn
o
i
s
s
e
r
p
x
E
n
i
a
Gn
o
i
s
s
e
r
p
x
E
n
i
a
G
n
o
i
s
s
e
r
p
x
E
n
i
a
G
n
o
i
s
s
e
r
p
x
E
n
i
a
Gn
o
i
s
s
e
r
p
x
E
n
i
a
Ge
u
l
a
V
n
i
a
Ge
u
l
a
V
n
i
a
G
e
u
l
a
V
n
i
a
G
e
u
l
a
V
n
i
a
Ge
u
l
a
V
n
i
a
G
A
0
1
3
C
SB
*
1
A0
2
B
0
1
3
C
SB
*
2
A0
5
C
0
1
3
C
SB
*
3
A0
0
1
The SC310 has three gain versions as follows:
VCC
+
-
+
-
R1
R2
R3
R4
R5
Q1
A
B
Gain = A1
Gain = A2
Gain = A3
Gain = B
CS-
GND
SHDN
CS+
OUT
1k
10k
20k
5k
1k
Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com