Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC310 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC310
Description  High-Side Current-Sense Amplifier with Low Impedance Voltage Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC310 Datasheet(HTML) 3 Page - Semtech Corporation

  SC310 Datasheet HTML 1Page - Semtech Corporation SC310 Datasheet HTML 2Page - Semtech Corporation SC310 Datasheet HTML 3Page - Semtech Corporation SC310 Datasheet HTML 4Page - Semtech Corporation SC310 Datasheet HTML 5Page - Semtech Corporation SC310 Datasheet HTML 6Page - Semtech Corporation SC310 Datasheet HTML 7Page - Semtech Corporation SC310 Datasheet HTML 8Page - Semtech Corporation SC310 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC310
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pl
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
n
o
i
t
i
d
n
o
C
s
n
o
i
t
i
d
n
o
C
s
n
o
i
t
i
d
n
o
Cs
n
o
i
t
i
d
n
o
Cn
i
Mn
i
M n
i
M n
i
Mn
i
Mp
y
Tp
y
T p
y
T p
y
Tp
y
Tx
a
Mx
a
M x
a
M x
a
Mx
a
Ms
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
U
r
o
r
r
E
e
g
a
t
l
o
V
T
U
O
l
a
t
o
TV
E
S
N
E
S
V
,
V
m
0
0
1
+
=
C
C
,
V
5
2
=
V
+
S
C
T
,
V
5
2
=
A
C
°
5
2
1
=
15
7
.
4%
V
E
S
N
E
S
V
,
V
m
5
2
.
6
+
=
C
C
=
V
,
V
2
1
+
S
C
C
°
0
4
-
,
V
2
1
=
≤
T
A ≤
C
°
5
2
1
5
.
7
-
/
+
e
g
a
t
l
o
V
h
g
i
H
T
U
OV
C
C
V
-
H
O
C
°
5
-
≤ T
A ≤
C
°
5
2
1
+7
.
1V
h
t
d
i
w
d
n
a
B
B
d
3W
BV
,
A
0
1
3
C
S
E
S
N
E
S
V
m
0
0
1
+
=2
V
,
B
0
1
3
C
S
E
S
N
E
S
V
m
0
0
1
+
=4
.
1z
H
M
V
,
C
0
1
3
C
S
E
S
N
E
S
V
m
0
0
1
+
=9
.
0
N
I
A
GA
V
A
0
1
3
C
S0
2V
/
V
B
0
1
3
C
S0
5
C
0
1
3
C
S0
0
1
y
c
a
r
u
c
c
A
n
i
a
GV
E
S
N
E
S
,
V
m
0
0
1
+
=
C
/
B
/
A
0
1
3
C
S
0
.
4%
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O
T
U
O
)
1
(
R
T
U
O
V
E
S
N
E
S
V
m
6
1
+
=0
6
Ω
n
o
it
c
e
j
e
R
y
l
p
p
u
S
-
r
e
w
o
PR
R
S
PV
E
S
N
E
S
V
m
6
1
=
V
+
S
C
V
7
.
2
+
>
0
60
7B
d
f
o
%
1
o
t
e
m
i
T
g
n
il
t
t
e
S
T
U
O
e
u
l
a
V
l
a
n
i
F
e
h
t
V
C
C
V
2
1
+
=
V
+
S
C
V
2
1
+
=
C
D
A
O
L
F
p
5
=
V
E
S
N
E
S
=
V
m
5
2
.
6
+
o
t
V
m
0
0
1
+
2S
μ
V
E
S
N
E
S
=
V
m
0
0
1
+
o
t
V
m
5
2
.
6
+
2
e
h
t
f
o
%
1
o
t
e
m
i
T
p
U
-
r
e
w
o
P
e
u
l
a
V
l
a
n
i
F
)
2
(
V
E
S
N
E
S
,
V
m
0
0
1
+
=
C
D
A
O
L
V
,
F
p
5
=
C
C
V
2
1
+
=
V
+
S
C
V
2
1
+
=
0
5S
μ
N
D
H
S
r
o
f
t
n
e
r
r
u
c
s
a
i
b
t
u
p
n
II
N
D
H
S
V
N
D
H
S
V
5
+
=7
A
μ
V
N
D
H
S
)
n
o
e
c
i
v
e
d
(
d
l
o
h
s
e
r
h
TV
N
O
_
H
T
_
N
D
H
S
V
3
≤ V
c
c ≤
V
5
20
5
3V
m
V
N
D
H
S
)
f
f
o
e
c
i
v
e
d
(
d
l
o
h
s
e
r
h
TV
F
F
O
_
H
T
_
N
D
H
S
V
3
≤ V
c
c ≤
V
5
22
V
N
D
H
S
r
o
f
t
n
e
r
r
u
C
y
l
p
p
u
SI
C
C
V
c
c
V
,
V
2
1
=
N
D
H
S
V
5
+
=1
1A
μ
Note (1): SC310 has a low impedence output. However the maximum output drive capability is limited to 500uA
Note (2): Defined with respect to Shutdown signal. Time taken for output to go high as V
SHDN switches from 5V to 0V
V
CS+ = 2.7V to 25V, VCC = 3V to 25V, VSENSE = 0, TA = TJ = -40°C to +125°C , unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com