Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC310 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC310
Description  High-Side Current-Sense Amplifier with Low Impedance Voltage Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC310 Datasheet(HTML) 2 Page - Semtech Corporation

  SC310 Datasheet HTML 1Page - Semtech Corporation SC310 Datasheet HTML 2Page - Semtech Corporation SC310 Datasheet HTML 3Page - Semtech Corporation SC310 Datasheet HTML 4Page - Semtech Corporation SC310 Datasheet HTML 5Page - Semtech Corporation SC310 Datasheet HTML 6Page - Semtech Corporation SC310 Datasheet HTML 7Page - Semtech Corporation SC310 Datasheet HTML 8Page - Semtech Corporation SC310 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC310
Absolute Maximum Ratings
Electrical Characteristics
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not implied.
V
CS+ = 2.7V to 25V, VCC = 3V to 25V, VSENSE = 0, TA = TJ = -40°C to +125°C , unless otherwise specified
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pl
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
n
o
i
t
i
d
n
o
C
s
n
o
i
t
i
d
n
o
C
s
n
o
i
t
i
d
n
o
Cs
n
o
i
t
i
d
n
o
Cn
i
Mn
i
M n
i
M n
i
Mn
i
Mp
y
Tp
y
T p
y
T p
y
Tp
y
Tx
a
Mx
a
M x
a
M x
a
Mx
a
Ms
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
U
e
g
n
a
R
e
g
a
tl
o
V
g
n
it
a
r
e
p
OV
C
C
35
2V
e
g
n
a
R
t
u
p
n
I
e
d
o
M
-
n
o
m
m
o
CV
R
M
C
C
°
0
≤ T
A ≤
C
°
5
2
1
+7
.
25
2V
C
°
0
4
-
≤ T
A
C
°
0
<3
5
2
n
o
it
c
e
j
e
R
e
d
o
M
-
n
o
m
m
o
CR
M
C0
9B
d
t
n
e
r
r
u
C
y
l
p
p
u
SI
C
C
V
+
S
C
V
,
V
7
.
2
>
C
C
V
2
1
=7
2
.
01
A
m
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
II
+
S
C
V
+
S
C
V
7
.
2
+
>0
5
1A
μ
I
-
S
C
V
+
S
C
V
7
.
2
+
>0
1
e
g
a
tl
o
V
e
s
n
e
S
e
l
a
c
S
-l
l
u
FV
E
S
N
E
S
V
E
S
N
E
S
V
=
+
S
C
V
-
-
S
C
0
5
1V
m
r
o
r
r
E
e
g
a
tl
o
V
T
U
O
l
a
t
o
TV
E
S
N
E
S
V
,
V
m
0
0
1
+
=
C
C
,
V
2
1
=
V
+
S
C
C
°
0
4
-
,
V
2
1
=
≤ T
A ≤
C
°
5
8
15
2
.
4%
V
E
S
N
E
S
V
,
V
m
0
0
1
+
=
C
C
,
V
2
1
=
V
+
S
C
T
,
V
2
1
=
A
C
°
5
2
1
=
15
.
4
V
E
S
N
E
S
V
,
V
m
0
0
1
+
=
C
C
,
V
2
1
=
V
+
S
C
T
,
V
2
1
+
=
A
º
5
2
+
=
15
2
.
3
V
E
S
N
E
S
V
,
V
m
0
0
1
+
=
C
C
,
V
5
2
=
V
+
S
C
C
°
0
4
-
,
V
5
2
=
≤ T
A ≤
C
°
5
8
15
.
4
Parameter
Symbol
Min
Max
Units
Supply Voltage
VCC
-0.3
28
V
Differential Input Voltage
VCS+ - VCS-
0.5
V
Thermal Resistance Junction
θ
JA
230
°C/W
Thermal Resistance Junction to Case
θ
JC
81
°C/W
Operating Temperature Range
TA
-40
+125
°C
Storage Temperature Range
TSTG
-65
+150
°C
Junction Temperature Range
TJ
-65
+150
°C
Lead Temperature (Soldering) 10s
TLEAD
260
°C
CS+ Voltage
VCS+
-0.3
VCC + 0.3
V
CS- Voltage
VCS-
-0.3
VCC + 0.3
V
SHDN Voltage
VSHDN
-0.3
VCC + 0.3
V
ESD Rating (Human Body Model)
VESD
2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com