Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC310 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC310
Description  High-Side Current-Sense Amplifier with Low Impedance Voltage Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC310 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC310 Datasheet HTML 2Page - Semtech Corporation SC310 Datasheet HTML 3Page - Semtech Corporation SC310 Datasheet HTML 4Page - Semtech Corporation SC310 Datasheet HTML 5Page - Semtech Corporation SC310 Datasheet HTML 6Page - Semtech Corporation SC310 Datasheet HTML 7Page - Semtech Corporation SC310 Datasheet HTML 8Page - Semtech Corporation SC310 Datasheet HTML 9Page - Semtech Corporation SC310 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC310
Electrical Characteristics
PSRR v/s Frequency
-9.0E+01
-7.0E+01
-5.0E+01
-3.0E+01
-1.0E+01
1.0E+01
1.0E+0
1
1.0E+0
2
1.0E+0
3
1.0E+0
4
1.0E+0
5
1.0E+0
6
1.0E+0
7
1.0E+0
8
Frequency
SC310C
SC310B
SC310A
Gain v/s Frequency
-4.00E+01
-2.00E+01
0.00E+00
2.00E+01
4.00E+01
6.00E+01
1.00E+
01
1.00E+
02
1.00E+
03
1.00E+
04
1.00E+
05
1.00E+
06
1.00E+
07
1.00E+
08
Frequency (Hz)
SC310B
SC310A
SC310C
V
CS+ = 12V, VCC = 12V, VSENSE = 100mV, TA = 25°C, unless otherwise specified
SC310C Gain Accuracy
with Temperature
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
40
80
120
160
Sense Voltage (mV)
-40 deg. C
Room Temp.
+85 deg. C
Bias Current v/s
Common-Mode Voltage in Shutdown
VSHDN = 5V
0
1
2
3
4
0
5
10
15
20
25
Common-Mode Voltage (V)
SC310B
SC310A
SC310C
Supply Current
v/s Supply Voltage in Shutdown
VSHDN = 5V
0
5
10
15
20
25
0
5
10
15
20
25
Supply Voltage (V)
SC310B
SC310A
SC310C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com