Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8152B Datasheet(PDF) 49 Page - Pericom Semiconductor Corporation

Part # PI7C8152B
Description  2-Port PCI-to-PCI Bridge
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8152B Datasheet(HTML) 49 Page - Pericom Semiconductor Corporation

Back Button PI7C8152B Datasheet HTML 45Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 46Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 47Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 48Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 49Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 50Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 51Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 52Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 53Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
PI7C8152A & PI7C8152B
2-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 49 of 90
October 16, 2003 – Revision 1.11
Note: If parity checking is turned off and data parity errors have occurred for queued or
subsequent delayed write transactions on the initiator bus, it is possible that the initiator’s
re-attempts of the write transaction may not match the original queued delayed write
information contained in the delayed transaction queue. In this case, a master timeout
condition may occur, possibly resulting in a system error (P_SERR_L assertion).
For downstream transactions, when PI7C8152x is delivering data to the target on the
secondary bus and S_PERR_L is asserted by the target, the following events occur:
!
PI7C8152x sets the secondary interface data parity detected bit in the secondary status
register, if the secondary parity error response bit is set in the bridge control register.
!
PI7C8152x captures the parity error condition to forward it back to the initiator on the
primary bus.
Similarly, for upstream transactions, when PI7C8152x is delivering data to the target on the
primary bus and P_PERR_L is asserted by the target, the following events occur:
!
PI7C8152x sets the primary interface data-parity-detected bit in the status register, if
the primary parity-error-response bit is set in the command register.
!
PI7C8152x captures the parity error condition to forward it back to the initiator on the
secondary bus.
A delayed write transaction is completed on the initiator bus when the initiator repeats the
write transaction with the same address, command, data, and byte enable bits as the
delayed write command that is at the head of the posted data queue. Note that the parity bit
is not compared when determining whether the transaction matches those in the delayed
transaction queues.
Two cases must be considered:
!
When parity error is detected on the initiator bus on a subsequent re-attempt of the
transaction and was not detected on the target bus
!
When parity error is forwarded back from the target bus
For downstream delayed write transactions, when the parity error is detected on the
initiator bus and PI7C8152x has write status to return, the following events occur:
!
PI7C8152x first asserts P_TRDY_L and then asserts P_PERR_L two cycles later, if
the primary interface parity-error-response bit is set in the command register.
!
PI7C8152x sets the primary interface parity-error-detected bit in the status register.
!
Because there was not an exact data and parity match, the write status is not returned
and the transaction remains in the queue.
Similarly, for upstream delayed write transactions, when the parity error is detected on the
initiator bus and PI7C8152x has write status to return, the following events occur:
!
PI7C8152x first asserts S_TRDY_L and then asserts S_PERR_L two cycles later, if
the secondary interface parity-error-response bit is set in the bridge control register
(offset 3Ch).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com