Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8152B Datasheet(PDF) 29 Page - Pericom Semiconductor Corporation

Part # PI7C8152B
Description  2-Port PCI-to-PCI Bridge
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8152B Datasheet(HTML) 29 Page - Pericom Semiconductor Corporation

Back Button PI7C8152B Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 28Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 29Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 30Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 31Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 32Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 33Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
PI7C8152A & PI7C8152B
2-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 29 of 90
October 16, 2003 – Revision 1.11
PI7C8152x can assert up to 16 unique address lines to be used as IDSEL signals for
up to 16 devices on the secondary bus, for device numbers ranging from 0 through 15.
Because of electrical loading constraints of the PCI bus, more than 16 IDSEL signals
should not be necessary. However, if device numbers greater than 15 are desired, some
external method of generating IDSEL lines must be used, and no upper address bits are
then asserted. The configuration transaction is still translated and passed from the primary
bus to the secondary bus. If no IDSEL pin is asserted to a secondary device, the transaction
ends in a master abort.
PI7C8152x forwards Type 1 to Type 0 configuration read or write transactions as delayed
transactions. Type 1 to Type 0 configuration read or write transactions are limited to a
single 32-bit data transfer.
3.8.3
TYPE 1 TO TYPE 1 FORWARDING
Type 1 to Type 1 transaction forwarding provides a hierarchical configuration mechanism
when two or more levels of PCI-to-PCI bridges are used.
When PI7C8152x detects a Type 1 configuration transaction intended for a PCI bus
downstream from the secondary bus, PI7C8152x forwards the transaction unchanged to the
secondary bus. Ultimately, this transaction is translated to a Type 0 configuration command
or to a special cycle transaction by a downstream PCI-to-PCI bridge. Downstream Type 1
to Type 1 forwarding occurs when the following conditions are met during the address
phase:
!
The lowest two address bits are equal to 01b.
!
The bus number falls in the range defined by the lower limit (exclusive) in the
secondary bus number register and the upper limit (inclusive) in the subordinate bus
number register.
!
The bus command is a configuration read or write transaction.
PI7C8152x also supports Type 1 to Type 1 forwarding of configuration write transactions
upstream to support upstream special cycle generation. A Type 1 configuration command
is forwarded upstream when the following conditions are met:
!
The lowest two address bits are equal to 01b.
!
The bus number falls outside the range defined by the lower limit (inclusive)
in the secondary bus number register and the upper limit (inclusive) in the subordinate
bus number register.
!
The device number in address bits AD[15:11] is equal to 11111b.
!
The function number in address bits AD[10:8] is equal to 111b.
!
The bus command is a configuration write transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com