Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8152B Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI7C8152B
Description  2-Port PCI-to-PCI Bridge
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8152B Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI7C8152B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
PI7C8152A & PI7C8152B
2-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 3 of 90
October 16, 2003 – Revision 1.11
REVISION HISTORY
Date
Revision Number
Description
08/13/03
0.01
First draft of datasheet
08/14/03
0.02
Revised bit[4] offset 48h
09/19/03
1.00
Datasheet release to the web
Revised revision ID register bit[7:0] offset 08h from 0h to 1h
09/25/03
1.10
Added descriptions for 8152A synchronous device
Revised TDELAY in sections 14.4 and 14.5
Revised Power Consumption in section 14.7
10/16/03
1.11
Revised Product Description in section 1.
Revised pin description for S_CLKIN in section 2.2.3.
Corrected Primary Clock Input description in section 9.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com