Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8152B Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI7C8152B
Description  2-Port PCI-to-PCI Bridge
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8152B Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI7C8152B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 13Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 14Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 15Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 16Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 17Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
PI7C8152A & PI7C8152B
2-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 13 of 90
October 16, 2003 – Revision 1.11
Name
Pin #
Type
Description
P_IRDY_L
97
STS
Primary IRDY (Active LOW). Driven by the initiator
of a transaction to indicate its ability to complete current
data phase on the primary side. Once asserted in a data
phase, it is not de-asserted until the end of the data
phase. Before tri-stated, it is driven to a de-asserted state
for one cycle.
P_TRDY_L
99
STS
Primary TRDY (Active LOW). Driven by the target of
a transaction to indicate its ability to complete current
data phase on the primary side. Once asserted in a data
phase, it is not de-asserted until the end of the data
phase. Before tri-stated,
it is driven to a de-asserted state for one cycle.
P_DEVSEL_L
100
STS
Primary Device Select (Active LOW). Asserted by the
target indicating that the device is accepting the
transaction. As a master, PI7C8152x waits for the
assertion of this signal within 5 cycles of P_FRAME_L
assertion; otherwise, terminate with master abort. Before
tri-stated, it is driven to a
de-asserted state for one cycle.
P_STOP_L
101
I
Primary STOP (Active LOW). Asserted by the target
indicating that the target is requesting the initiator to stop
the current transaction. Before tri-stated, it is driven to a
de-asserted state for one cycle.
P_LOCK_L
102
STS
Primary LOCK (Active LOW). Asserted by an
initiator, one clock cycle after the first address phase of a
transaction, attempting to perform an operation that may
take more than one PCI transaction to complete.
P_IDSEL
83
I
Primary ID Select. Used as a chip select line for Type
0 configuration access to PI7C8152x configuration
space.
P_PERR_L
104
STS
Primary Parity Error (Active LOW). Asserted when
a data parity error is detected for data received on the
primary interface. Before being tri-stated, it is driven to
a de-asserted state for one cycle.
P_SERR_L
105
OD
Primary System Error (Active LOW). Can be driven
LOW by any device to indicate a system error condition.
PI7C8152x drives this pin on:
!
Address parity error
!
Posted write data parity error on target bus
!
Secondary S_SERR_L asserted
!
Master abort during posted write transaction
!
Target abort during posted write transaction
!
Posted write transaction discarded
!
Delayed write request discarded
!
Delayed read request discarded
!
Delayed transaction master timeout
This signal requires an external pull-up resistor for
proper operation.
P_REQ_L
69
TS
Primary Request (Active LOW): This is asserted by
PI7C8152x to indicate that it wants to start a transaction
on the primary bus. PI7C8152x de-asserts this pin for at
least 2 PCI clock cycles before asserting it again.
P_GNT_L
68
I
Primary Grant (Active LOW): When asserted,
PI7C8152x can access the primary bus. During idle and
P_GNT_L asserted, PI7C8152x will drive P_AD,
P_CBE, and P_PAR to valid logic levels.
P_RESET_L
64
I
Primary RESET (Active LOW): When P_RESET_L is
active, all PCI signals should be asynchronously tri-
stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com