Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8152B Datasheet(PDF) 58 Page - Pericom Semiconductor Corporation

Part # PI7C8152B
Description  2-Port PCI-to-PCI Bridge
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8152B Datasheet(HTML) 58 Page - Pericom Semiconductor Corporation

Back Button PI7C8152B Datasheet HTML 54Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 55Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 56Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 57Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 58Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 59Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 60Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 61Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 62Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 90 page
background image
PI7C8152A & PI7C8152B
2-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 58 of 90
October 16, 2003 – Revision 1.11
When the locked delayed memory read request is queued, PI7C8152x does not queue any
more transactions until the locked sequence is finished. PI7C8152x signals a target retry to
all transactions initiated subsequent to the locked read transaction that are intended for
targets on the other side of PI7C8152x. PI7C8152x allows any transactions queued before
the locked transaction to complete before initiating the locked transaction.
When the locked delayed memory read request transaction moves to the head of the
delayed transaction queue, PI7C8152x initiates the transaction as a locked read transaction
by de-asserting LOCK_L on the target bus during the first address phase, and by asserting
LOCK_L one cycle later. If LOCK_L is already asserted (used by another initiator),
PI7C8152x waits to request access to the secondary bus until LOCK_L is de-asserted when
the target bus is idle. Note that the existing lock on the target bus could not have crossed
PI7C8152x. Otherwise, the pending queued locked transaction would not have been
queued. When PI7C8152x is able to complete a data transfer with the locked read
transaction, the lock is established on the secondary bus.
When the initiator repeats the locked read transaction on the primary bus with the same
address, transaction type, and byte enable bits, PI7C8152x transfers the read data back to
the initiator, and the lock is then also established on the primary bus.
For PI7C8152x to recognize and respond to the initiator, the initiator’s subsequent attempts
of the read transaction must use the locked transaction sequence (de-assert LOCK_L during
address phase, and assert LOCK_L one cycle later). If the LOCK_L sequence is not used in
subsequent attempts, a master timeout condition may result. When a master timeout
condition occurs, SERR_L is conditionally asserted (see Section 6.4), the read data and
queued read transaction are discarded, and the LOCK_L signal is de-asserted on the target
bus.
Once the intended target has been locked, any subsequent locked transactions initiated on
the initiator bus that are forwarded by PI7C8152x are driven as locked transactions on the
target bus.
The first transaction to establish LOCK_L must be Memory Read. If the first transaction is
not Memory read, the following transactions behave accordingly:
!
Type 0 Configuration Read/Write induces master abort
!
Type 1 Configuration Read/Write induces master abort
!
I/O Read induces master abort
!
I/O Write induces master abort
!
Memory Write induces master abort
When PI7C8152x receives a target abort or a master abort in response to the delayed
locked read transaction, this status is passed back to the initiator, and no locks are
established on either the target or the initiator bus. PI7C8152x resumes forwarding
unlocked transactions in both directions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com