Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEST Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # TEST
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEST Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button TEST Datasheet HTML 12Page - List of Unclassifed Manufacturers TEST Datasheet HTML 13Page - List of Unclassifed Manufacturers TEST Datasheet HTML 14Page - List of Unclassifed Manufacturers TEST Datasheet HTML 15Page - List of Unclassifed Manufacturers TEST Datasheet HTML 16Page - List of Unclassifed Manufacturers TEST Datasheet HTML 17Page - List of Unclassifed Manufacturers TEST Datasheet HTML 18Page - List of Unclassifed Manufacturers TEST Datasheet HTML 19Page - List of Unclassifed Manufacturers TEST Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 18 September 2013
16 of 49
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
8.2 Read commands
To read data from the PCAL6408A, the bus master must first send the PCAL6408A
address with the least significant bit set to a logic 0 (see Figure 7 for device address). The
command byte is sent after the address and determines which register is to be accessed.
After a restart the device address is sent again, but this time the LSB is set to a logic 1.
Data from the register defined by the command byte then is sent by the PCAL6408A (see
Figure 12 and Figure 13).
Data is clocked into the register on the rising edge of the ACK clock pulse. There is no
limit on the number of data bytes received in one read transmission, but on the final byte
received the bus master must not acknowledge the data.
Fig 12. Read from register
A
S
START condition
R/W
acknowledge
from slave
002aaf827
A
acknowledge
from slave
SDA
A
P
acknowledge
from master
DATA (first byte)
slave address
STOP
condition
S
(repeated)
START condition
(cont.)
(cont.)
10000
AD
DR
1
A
0
R/W
acknowledge
from slave
slave address
at this moment master-transmitter becomes master-receiver
and slave-receiver becomes slave-transmitter
NA
no acknowledge
from master
10000
AD
DR
0
0
data from register
DATA (last byte)
data from register
command byte
00000
0
1 1/0
Transfer of data can be stopped at any time by a STOP condition. When this occurs, data present at the latest acknowledge
phase is valid (output mode). It is assumed that the command byte has previously been programmed with 00h (read Input port
register).
This figure eliminates the command byte transfer, a restart, and slave address call between the initial slave address call and
actual data transfer from P port (see Figure 12).
Fig 13. Read Input port register (non-latched)
10000
AD
DR
1
A
S0
slave address
START condition
R/W
acknowledge from slave
002aaf828
data from port
A
acknowledge from master
SDA
1
no acknowledge
from master
read from
port
data into
port
data from port
DATA 1
DATA 4
INT
DATA 4
DATA 2
DATA 3
P
STOP
condition
tv(INT)
trst(INT)
th(D)
tsu(D)
12345678
SCL
9
DATA 1
DATA 5
INT is cleared by
read from port
STOP not needed
to clear INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com