Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEST Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # TEST
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEST Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button TEST Datasheet HTML 27Page - List of Unclassifed Manufacturers TEST Datasheet HTML 28Page - List of Unclassifed Manufacturers TEST Datasheet HTML 29Page - List of Unclassifed Manufacturers TEST Datasheet HTML 30Page - List of Unclassifed Manufacturers TEST Datasheet HTML 31Page - List of Unclassifed Manufacturers TEST Datasheet HTML 32Page - List of Unclassifed Manufacturers TEST Datasheet HTML 33Page - List of Unclassifed Manufacturers TEST Datasheet HTML 34Page - List of Unclassifed Manufacturers TEST Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 18 September 2013
31 of 49
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
14. Dynamic characteristics
Table 24.
I2C-bus interface timing requirements
Over recommended operating free air temperature range, unless otherwise specified. See Figure 31.
Symbol
Parameter
Conditions
Standard-mode
I2C-bus
Fast-mode I2C-bus
Unit
Min
Max
Min
Max
fSCL
SCL clock frequency
0
100
0
400
kHz
tHIGH
HIGH period of the SCL clock
4
-
0.6
-
s
tLOW
LOW period of the SCL clock
4.7
-
1.3
-
s
tSP
pulse width of spikes that must
be suppressed by the input filter
0
50
0
50
ns
tSU;DAT
data set-up time
250
-
100
-
ns
tHD;DAT
data hold time
0
-
0
-
ns
tr
rise time of both SDA and SCL signals
-
1000
20
300
ns
tf
fall time of both SDA and SCL signals
-
300
20
(VDD /5.5 V)
300
ns
tBUF
bus free time between a STOP and
START condition
4.7
-
1.3
-
s
tSU;STA
set-up time for a repeated START
condition
4.7
-
0.6
-
s
tHD;STA
hold time (repeated) START condition
4
-
0.6
-
s
tSU;STO
set-up time for STOP condition
4
-
0.6
-
s
tVD;DAT
data valid time
SCL LOW to
SDA output valid
-3.45
-
0.9
s
tVD;ACK
data valid acknowledge time
ACK signal from
SCL LOW to
SDA (out) LOW
-3.45
-
0.9
s
Table 25.
Reset timing requirements
Over recommended operating free air temperature range, unless otherwise specified. See Figure 34.
Symbol
Parameter
Conditions
Standard-mode
I2C-bus
Fast-mode
I2C-bus
Unit
Min
Max
Min
Max
tw(rst)
reset pulse width
30
-
30
-
ns
trec(rst)
reset recovery time
200
-
200
-
ns
trst
reset time
600
-
600
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com