Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEST Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TEST
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEST Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TEST Datasheet HTML 1Page - List of Unclassifed Manufacturers TEST Datasheet HTML 2Page - List of Unclassifed Manufacturers TEST Datasheet HTML 3Page - List of Unclassifed Manufacturers TEST Datasheet HTML 4Page - List of Unclassifed Manufacturers TEST Datasheet HTML 5Page - List of Unclassifed Manufacturers TEST Datasheet HTML 6Page - List of Unclassifed Manufacturers TEST Datasheet HTML 7Page - List of Unclassifed Manufacturers TEST Datasheet HTML 8Page - List of Unclassifed Manufacturers TEST Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
1.
General description
The PCAL6408A is an 8-bit general-purpose I/O expander that provides remote I/O
expansion for most microcontroller families via the I2C-bus interface.
NXP I/O expanders provide a simple solution when additional I/Os are needed while
keeping interconnections to a minimum, for example, in battery-powered mobile
applications for interfacing to sensors, push buttons, keypad, etc. In addition to providing
a flexible set of GPIOs, it simplifies interconnection of a processor running at one voltage
level to I/O devices operating at a different (usually higher) voltage level. The PCAL6408A
has built-in level shifting feature that makes these devices extremely flexible in mixed
signal environments where communication between incompatible I/O voltages is required.
Its wide VDD range of 1.65 V to 5.5 V on the dual power rail allows seamless
communications with next-generation low voltage microprocessors and microcontrollers
on the interface side (SDA/SCL) and peripherals at a higher voltage on the port side.
There are two supply voltages for PCAL6408A: VDD(I2C-bus) and VDD(P). VDD(I2C-bus)
provides the supply voltage for the interface at the master side (for example, a
microcontroller) and the VDD(P) provides the supply for core circuits and Port P. The
bidirectional voltage level translation in the PCAL6408A is provided through VDD(I2C-bus).
VDD(I2C-bus) should be connected to the VDD of the external SCL/SDA lines. This indicates
the VDD level of the I2C-bus to the PCAL6408A, while the voltage level on Port P of the
PCAL6408A is determined by the VDD(P).
The PCAL6408A contains the PCA6408A register set of 8-bit Configuration, Input, Output,
and Polarity Inversion registers and additionally, the PCAL6408A has Agile I/O, which are
additional features specifically designed to enhance the I/O. These additional features
are: programmable output drive strength, latchable inputs, programmable
pull-up/pull-down resistors, maskable interrupt, interrupt status register, programmable
open-drain or push-pull outputs. The PCAL6408A is a pin-to-pin replacement to the
PCA6408A, however, the PCAL6408A powers up with all I/O interrupts masked. This
mask default allows for a board bring-up free of spurious interrupts at power-up.
At power-on, the I/Os are configured as inputs. However, the system master can enable
the I/Os as either inputs or outputs by writing to the I/O configuration bits. The data for
each input or output is kept in the corresponding input or output register. The polarity of
the Input Port register can be inverted with the Polarity Inversion register, saving external
logic gates. Programmable pull-up and pull-down resistors eliminate the need for discrete
components.
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
with interrupt output, reset, and configuration registers
Rev. 3 — 18 September 2013
Product data sheet


Similar Part No. - TEST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEST-1 ETC2-TEST-1 Datasheet
78Kb / 1P
Test Pin PCB
TEST-1BK ETC2-TEST-1BK Datasheet
78Kb / 1P
Test Pin PCB
TEST-1BU ETC2-TEST-1BU Datasheet
78Kb / 1P
Test Pin PCB
TEST-1GR ETC2-TEST-1GR Datasheet
78Kb / 1P
Test Pin PCB
TEST-1R ETC2-TEST-1R Datasheet
78Kb / 1P
Test Pin PCB
More results

Similar Description - TEST

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA6408A NXP-PCA6408A Datasheet
2Mb / 40P
Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 1-27 September 2012
PCAL6408A NXP-PCAL6408A Datasheet
2Mb / 48P
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 2-6 December 2012
PCAL6416A NXP-PCAL6416A Datasheet
2Mb / 54P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 3-24 December 2012
PCAL6416A NXP-PCAL6416A_V01 Datasheet
840Kb / 56P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7 ??30 March 2021
logo
Texas Instruments
TCAL6408 TI-TCAL6408_V01 Datasheet
1Mb / 39P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
TCAL6408 TI-TCAL6408_V02 Datasheet
1Mb / 42P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
TCAL6408 TI-TCAL6408_V03 Datasheet
1Mb / 45P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
logo
NXP Semiconductors
PCAL6416A NXP-PCAL6416A_V02 Datasheet
859Kb / 56P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7.1 - 30 August 2022
logo
Texas Instruments
TCAL6408 TI-TCAL6408_V04 Datasheet
1Mb / 48P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
TCAL6408 TI1-TCAL6408_V05 Datasheet
1Mb / 51P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com