Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEST Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TEST
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEST Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TEST Datasheet HTML 1Page - List of Unclassifed Manufacturers TEST Datasheet HTML 2Page - List of Unclassifed Manufacturers TEST Datasheet HTML 3Page - List of Unclassifed Manufacturers TEST Datasheet HTML 4Page - List of Unclassifed Manufacturers TEST Datasheet HTML 5Page - List of Unclassifed Manufacturers TEST Datasheet HTML 6Page - List of Unclassifed Manufacturers TEST Datasheet HTML 7Page - List of Unclassifed Manufacturers TEST Datasheet HTML 8Page - List of Unclassifed Manufacturers TEST Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 18 September 2013
4 of 49
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
3.1 Ordering options
4.
Block diagram
Table 2.
Ordering options
Type number
Orderable
part number
Package
Packing method
Minimum
order quantity
Temperature
PCAL6408ABS
PCAL6408ABSHP
HVQFN16
Reel 13” Q2/T3
*standard mark SMD
6000
Tamb = 40 C to +85 C
PCAL6408APW
PCAL6408APWJ
TSSOP16
Reel 13” Q1/T1
*standard mark SMD
2500
Tamb = 40 C to +85 C
PCAL6408AHK
PCAL6408AHKX
XQFN16
Reel 7” Q1/T1
*standard mark SMD
4000
Tamb = 40 C to +85 C
PCAL6408AEX
PCAL6408AEXX
XFBGA16
Reel 7” Q1/T1
*standard mark SMD
5000
Tamb = 40 C to +85 C
All I/Os are set to inputs at reset.
Fig 1.
Block diagram (positive logic)
002aah085
INT
I2C-BUS
CONTROL
INTERRUPT
LOGIC
PCAL6408A
LP FILTER
ADDR
INPUT
FILTER
SHIFT
REGISTER
SDA
SCL
8 BITS
POWER-ON
RESET
VDD(P)
VSS
I/O
PORT
P0 to P7
RESET
VDD(I2C-bus)
write pulse
read pulse
I/O control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com