Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEST Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # TEST
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEST Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button TEST Datasheet HTML 41Page - List of Unclassifed Manufacturers TEST Datasheet HTML 42Page - List of Unclassifed Manufacturers TEST Datasheet HTML 43Page - List of Unclassifed Manufacturers TEST Datasheet HTML 44Page - List of Unclassifed Manufacturers TEST Datasheet HTML 45Page - List of Unclassifed Manufacturers TEST Datasheet HTML 46Page - List of Unclassifed Manufacturers TEST Datasheet HTML 47Page - List of Unclassifed Manufacturers TEST Datasheet HTML 48Page - List of Unclassifed Manufacturers TEST Datasheet HTML 49Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 18 September 2013
46 of 49
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
19. Abbreviations
20. Revision history
Table 29.
Abbreviations
Acronym
Description
ESD
ElectroStatic Discharge
FET
Field-Effect Transistor
GPIO
General-Purpose Input/Output
I2C-bus
Inter-Integrated Circuit bus
I/O
Input/Output
LED
Light-Emitting Diode
LSB
Least Significant Bit
MSB
Most Significant Bit
PCB
Printed-Circuit Board
POR
Power-On Reset
SMBus
System Management Bus
Table 30.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCAL6408A v.3
20130918
Product data sheet
-
PCAL6408A v.2
Modifications:
• Section 2 “Features and benefits”, 17th bullet item: added “XFBGA16”
• Table 1 “Ordering information”: added Type number PCAL6408AEX
• Table 2 “Ordering options”: added Type number PCAL6408AEX
• Added (new) Figure 5 “Pin configuration for 1.6 mm  1.6 mm XFBGA16”
• Added (new) Figure 6 “Ball mapping for 1.6 mm  1.6 mm XFBGA16”
• Table 3 “Pin description”: added column “XFBGA16”
• Table 6 “Command byte”, register “Output port configuration”:
– Pointer register bits corrected from “0100 0111” to “0100 1111” (correction to documentation,
no functional change to device)
– Command byte corrected from “47h” to “4Fh” (correction to documentation, no functional
change to device)
• Section 7.4.11 “Output port configuration register (4Fh)”:
– register number corrected from “47h” to “4Fh” in Section title (correction to documentation,
no functional change to device)
– first paragraph, third sentence: register number corrected from “(47h)” to “(4Fh)” (correction
to documentation, no functional change to device)
– register number corrected from “47h” to “4Fh” in title of Table 18 (correction to
documentation, no functional change to device)
• Added (new) Figure 38 “Package outline SOT1354-1 (XFBGA16)”
PCAL6408A v.2
20121206
Product data sheet
-
PCAL6408A v.1
PCAL6408A v.1
20120906
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com