Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP6G Datasheet(PDF) 3 Page - Analog Microelectronics

Part # ATXP6G
Description  Jumper Free Over Clock Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

ATXP6G Datasheet(HTML) 3 Page - Analog Microelectronics

  ATXP6G Datasheet HTML 1Page - Analog Microelectronics ATXP6G Datasheet HTML 2Page - Analog Microelectronics ATXP6G Datasheet HTML 3Page - Analog Microelectronics ATXP6G Datasheet HTML 4Page - Analog Microelectronics ATXP6G Datasheet HTML 5Page - Analog Microelectronics ATXP6G Datasheet HTML 6Page - Analog Microelectronics ATXP6G Datasheet HTML 7Page - Analog Microelectronics ATXP6G Datasheet HTML 8Page - Analog Microelectronics ATXP6G Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AME, Inc.
3
ATXP6
Rev. A.01
Jumper Free Over Clock Controller
n Pin Description
I/O Type Description
IN
tx
---- Special level input.
IN
tx-100k-dn ---- Special level input with 100K ohm pull-down resistor.
IN
t
---- TTL level input.
IN
t-47k-up ---- TTL level input with 47K ohm pull-up resistor.
IN
ts
---- TTL level input with Schmitt-tigger.
IN
ts-27
---- TTL level input with Schmitt-tigger and 27 n sec. glitch elimination.
OD
12
---- Open-drain with 12mA sink current.
O
12
---- Output buffer with 12mA drive/sink current
I/OD
12
---- TTL level bi-directional pin, and open-drain output with 12mA sink current.
I/O
12 ---- TTL level bi-directional pin, and output with 12mA drive/sink current.
I/O
12-10k-up ---- TTL level bi-directional pin, and output with 12mA drive/sink current and
10K ohm pull-up resistor.
Pin No.
Pin name
I/O Type
Function
1
3VSB
POWER
Power Pin
2
GPIO3
I/O12
General Purpose I/O Pin, Default O/D
3
GPIO4
I/O12
General Purpose I/O Pin, Default O/D
4
VIDIN0
INtx
Receive VID0 Signal from CPU
5
VIDIN1
INtx
Receive VID1 Signal from CPU
6
VIDIN2
INtx
Receive VID2 Signal from CPU
7
VIDIN3
INtx
Receive VID3 Signal from CPU
8
VIDIN4
INtx
Receive VID4 Signal from CPU
9
VIDIN5
INtx-100k-dn
Receive VID5 Signal from CPU
10
GPIO0
I/O12
General Purpose I/O Pin, Default O/D
11
GPIO1
I/O12
General Purpose I/O Pin, Default O/D
12
GPIO2
I/O12
General Purpose I/O Pin, Default O/D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com