Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP6G Datasheet(PDF) 5 Page - Analog Microelectronics

Part # ATXP6G
Description  Jumper Free Over Clock Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

ATXP6G Datasheet(HTML) 5 Page - Analog Microelectronics

  ATXP6G Datasheet HTML 1Page - Analog Microelectronics ATXP6G Datasheet HTML 2Page - Analog Microelectronics ATXP6G Datasheet HTML 3Page - Analog Microelectronics ATXP6G Datasheet HTML 4Page - Analog Microelectronics ATXP6G Datasheet HTML 5Page - Analog Microelectronics ATXP6G Datasheet HTML 6Page - Analog Microelectronics ATXP6G Datasheet HTML 7Page - Analog Microelectronics ATXP6G Datasheet HTML 8Page - Analog Microelectronics ATXP6G Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AME, Inc.
5
ATXP6
Rev. A.01
Jumper Free Over Clock Controller
n Electrical Characteristics
AC Specifications
Min
Max
FSMB
SMBus Operating Frequency
10
100
KHZ
T
BUF
Bus free time between Stop and Start Condition
4.7
µs
THD:STA
Hold time after (Repeated) Start Condition.
After this period,the first clock is generated
4.0
µs
TSU:STA
Repeated Start Condition setup time
4.7
µs
TSU:STO
Stop Condition setup time
4.0
µs
T
HD:DAT
Data hold time
300
ns
TSU:DAT
Data setup time
250
ns
T
TIMEOUT
Clock low time-out
25
35
ms
TLOW
Clock low period
4.7
µs
THIGH
Clock high period
4.0
50
µs
T
LOW:SEXT
Cumulative clock low extend time (slave device)
25
ms
T
LOW:MEXT
Cumulative clock low extend time (master
device)
10
ms
TF
Clock/Data Fall Time
300
ns
TR
Clock/Data Rise Time
1000
ns
Limits
Symbol
Parameter
Units



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com