Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP6G Datasheet(PDF) 1 Page - Analog Microelectronics

Part # ATXP6G
Description  Jumper Free Over Clock Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

ATXP6G Datasheet(HTML) 1 Page - Analog Microelectronics

  ATXP6G Datasheet HTML 1Page - Analog Microelectronics ATXP6G Datasheet HTML 2Page - Analog Microelectronics ATXP6G Datasheet HTML 3Page - Analog Microelectronics ATXP6G Datasheet HTML 4Page - Analog Microelectronics ATXP6G Datasheet HTML 5Page - Analog Microelectronics ATXP6G Datasheet HTML 6Page - Analog Microelectronics ATXP6G Datasheet HTML 7Page - Analog Microelectronics ATXP6G Datasheet HTML 8Page - Analog Microelectronics ATXP6G Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AME, Inc.
1
ATXP6
Rev. A.01
Jumper Free Over Clock Controller
ATXP6 is a full feature of over clocking device for Intel©
CPU. It integrates all functions that are possible to be
utilized for over-clocking purpose.
l
Provide Six VID Input (VIDIN0-5) and Six VID Output
(VIDOUT0-5) Pins
l
Support Auto-Recover
Build-in Watch Dog Timer & Reset Output Signal Pin
l
Provide Eight GPIO Pins
l
SM Bus Interface
l
Provide CPU Changing Detect Pin (SLOTOCC#)
l
Package: SSOP 28-Pin
n General Description
n Features


Similar Part No. - ATXP6G

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
ATXP032 DIALOG-ATXP032 Datasheet
1Mb / 113P
EcoXiP??High Performance Low-Power Octal Flash
ATXP032-CCUE-T DIALOG-ATXP032-CCUE-T Datasheet
1Mb / 113P
EcoXiP??High Performance Low-Power Octal Flash
ATXP032-CCUE-Y DIALOG-ATXP032-CCUE-Y Datasheet
1Mb / 113P
EcoXiP??High Performance Low-Power Octal Flash
ATXP032-DWF DIALOG-ATXP032-DWF Datasheet
1Mb / 113P
EcoXiP??High Performance Low-Power Octal Flash
ATXP032-UUE-T DIALOG-ATXP032-UUE-T Datasheet
1Mb / 113P
EcoXiP??High Performance Low-Power Octal Flash
More results

Similar Description - ATXP6G

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS580-01 ICST-ICS580-01 Datasheet
61Kb / 6P
Glitch-Free Clock Multiplexer
Revision 030300
ICS581-01 ICST-ICS581-01 Datasheet
92Kb / 6P
Zero-Delay Glitch-Free Clock Multiplexer
Revision 041100
logo
Intersil Corporation
82C85 INTERSIL-82C85 Datasheet
363Kb / 21P
CMOS Static Clock Controller/Generator
March 1997
logo
National Semiconductor ...
LM5071 NSC-LM5071 Datasheet
857Kb / 18P
Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
logo
List of Unclassifed Man...
ATXP5 ETC1-ATXP5 Datasheet
95Kb / 12P
Jumper Free Over Clock Controller
logo
International Rectifier
IRU3073 IRF-IRU3073 Datasheet
238Kb / 21P
SYNCHRONOUS PWM CONTROLLER WITH OVER-CURRENT PROTECTION / LDO CONTROLLER
logo
Integrated Device Techn...
ICS580-01 IDT-ICS580-01 Datasheet
238Kb / 13P
GLITCH-FREE CLOCK MULITPLEXER
ICS581-01 IDT-ICS581-01 Datasheet
110Kb / 10P
ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
logo
Renesas Technology Corp
ICS580-01 RENESAS-ICS580-01 Datasheet
400Kb / 14P
GLITCH-FREE CLOCK MULITPLEXER
051310
ICS581-01 RENESAS-ICS581-01 Datasheet
222Kb / 10P
ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com