Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP6G Datasheet(PDF) 4 Page - Analog Microelectronics

Part # ATXP6G
Description  Jumper Free Over Clock Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

ATXP6G Datasheet(HTML) 4 Page - Analog Microelectronics

  ATXP6G Datasheet HTML 1Page - Analog Microelectronics ATXP6G Datasheet HTML 2Page - Analog Microelectronics ATXP6G Datasheet HTML 3Page - Analog Microelectronics ATXP6G Datasheet HTML 4Page - Analog Microelectronics ATXP6G Datasheet HTML 5Page - Analog Microelectronics ATXP6G Datasheet HTML 6Page - Analog Microelectronics ATXP6G Datasheet HTML 7Page - Analog Microelectronics ATXP6G Datasheet HTML 8Page - Analog Microelectronics ATXP6G Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AME, Inc.
4
Jumper Free Over Clock Controller
ATXP6
Rev. A.01
n Pin Description
Pin No.
Pin Name
I/O Type
Function Description
13
SDA
I/OD12
SMB Data Signal
14
SCL
INts
SMB Clock Signal
15
RSTOUT#
OD12
16
GND
GND
GROUND Pin
17
SLOTOCC#
INts-27
Receive SLOTOCC#From CPU
18
VBAT
POWER
Power Pin
19
VIDOUT5
OD12
VID5 Signal Output Pin to PWM
20
VIDOUT4
OD12
VID4 Signal Output Pin to PWM
21
VIDOUT3
OD
12
VID3 Signal Output Pin to PWM
22
VIDOUT2
OD12
VID2 Signal Output Pin to PWM
23
VIDOUT1
OD12
VID1 Signal Output Pin to PWM
24
VIDOUT0
OD12
VID0 Signal Output Pin to PWM
25
GPIO7
I/O12
General Purpose I/O Pin, Default O/D
26
GPIO6
I/O
12
General Purpose I/O Pin, Default O/D
27
GPIO5
I/O12
General Purpose I/O Pin, Default O/D
28
Test/ASEL
INt-47k-up
Address Select Pin
Table1. Pin Description Table



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com