Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP6G Datasheet(PDF) 7 Page - Analog Microelectronics

Part # ATXP6G
Description  Jumper Free Over Clock Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

ATXP6G Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button ATXP6G Datasheet HTML 2Page - Analog Microelectronics ATXP6G Datasheet HTML 3Page - Analog Microelectronics ATXP6G Datasheet HTML 4Page - Analog Microelectronics ATXP6G Datasheet HTML 5Page - Analog Microelectronics ATXP6G Datasheet HTML 6Page - Analog Microelectronics ATXP6G Datasheet HTML 7Page - Analog Microelectronics ATXP6G Datasheet HTML 8Page - Analog Microelectronics ATXP6G Datasheet HTML 9Page - Analog Microelectronics ATXP6G Datasheet HTML 10Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AME, Inc.
7
ATXP6
Rev. A.01
Jumper Free Over Clock Controller
n DC Specifications
Electrical Characteristics of other pins
symbol
Description
Min.
Typ.
Max.
Unit
VBAT
Power
4.5
5
5.5
V
3VSB
Power
3
3.3
3.6
V
ViL
Input Low voltage
-
-
0.8
V
ViH
Input High voltage
2.2
-
-
V
VoL
Output Low voltage
-
-
0.4
V
VoH
Output High voltage
2.4
-
-
V
IoL
Output Low current
-
12
-
mA
Part Number
Package
Special Feature
ATXP6
SSOP-28
Commercial Standard
ATXP6G
SSOP-28
Green Device with Commercial Standard
n Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com