Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB03E Datasheet(PDF) 6 Page - STMicroelectronics

Part # STUSB03E
Description  USB Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB03E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STUSB03E Datasheet HTML 2Page - STMicroelectronics STUSB03E Datasheet HTML 3Page - STMicroelectronics STUSB03E Datasheet HTML 4Page - STMicroelectronics STUSB03E Datasheet HTML 5Page - STMicroelectronics STUSB03E Datasheet HTML 6Page - STMicroelectronics STUSB03E Datasheet HTML 7Page - STMicroelectronics STUSB03E Datasheet HTML 8Page - STMicroelectronics STUSB03E Datasheet HTML 9Page - STMicroelectronics STUSB03E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Maximum ratings
STUSB03E
6/20
4
Maximum ratings
Table 6.
Absolute maximum ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional Operation under these con-
ditions is not implied.
Note 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Table 7.
Thermal data
Symbol
Parameter
Value
Unit
VBUS
Supply Voltage
6
V
V+
All other Inputs
-0.5 to 4.6
V
IO
Output Current (D+, D-)
± 50
mA
IO
Output Current (all others)
± 15
mA
II
Input Current
± 50
mA
ESD
D+, D-, HBM (Note 3)
± 14
kV
VBUS (Note 3)
± 5
All other pins (Note 3)
± 2
TSTG
Storage Temperature Range
-65 to + 150
°C
TOPR
Operating Temperature Range
-40 to + 85
°C
Symbol
Parameter
Value
Unit
RthJA
Thermal Resistance Junction-Ambient
59
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com