Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB03E Datasheet(PDF) 15 Page - STMicroelectronics

Part # STUSB03E
Description  USB Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB03E Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STUSB03E Datasheet HTML 11Page - STMicroelectronics STUSB03E Datasheet HTML 12Page - STMicroelectronics STUSB03E Datasheet HTML 13Page - STMicroelectronics STUSB03E Datasheet HTML 14Page - STMicroelectronics STUSB03E Datasheet HTML 15Page - STMicroelectronics STUSB03E Datasheet HTML 16Page - STMicroelectronics STUSB03E Datasheet HTML 17Page - STMicroelectronics STUSB03E Datasheet HTML 18Page - STMicroelectronics STUSB03E Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
STUSB03E
Functional description
15/20
8
Functional description
The STUSB03E is designed to provide USB connectivity in mobile systems where available system
supply voltages are not able to satisfy USB requirements. The STUSB03E can operate down to supply
voltages of 1.6V and still meet USB physical layer specifications. As shown in the circuit above, the
STUSB03E takes advantage of the USB supply voltage, VBUS, to operate the transceiver. The system
voltage, VIF, is used to set the reference voltage used by the digital I/O lines interfacing to the system
controller. Internal circuitry provides translation between the USB and system voltage domains. VIF will
typically be the main supply voltage rail for the controller.
In addition, a 3.3V, 10% termination supply voltage, VPU, is provided to support speed selection. VPU can
be disabled or enabled under software control via the CON input. This allows for software-controlled
connect or disconnect states. A 1.5K resistor is required to be connected between this pin and the D- line
when operating in low speed mode. In full speed mode either an internal pull-up resistor or an external
one connected between VPU pin and D+ line can be used; the desired configuration is chosen by tying
RSEL pin to VIF or GND.
The use of ESD transient protection devices is not required for operation, but is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com