Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB03E Datasheet(PDF) 9 Page - STMicroelectronics

Part # STUSB03E
Description  USB Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB03E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STUSB03E Datasheet HTML 5Page - STMicroelectronics STUSB03E Datasheet HTML 6Page - STMicroelectronics STUSB03E Datasheet HTML 7Page - STMicroelectronics STUSB03E Datasheet HTML 8Page - STMicroelectronics STUSB03E Datasheet HTML 9Page - STMicroelectronics STUSB03E Datasheet HTML 10Page - STMicroelectronics STUSB03E Datasheet HTML 11Page - STMicroelectronics STUSB03E Datasheet HTML 12Page - STMicroelectronics STUSB03E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
STUSB03E
Electrical characteristics
9/20
Table 10.
ESD performance
Table 11.
DC electrical characteristics (transceiver)
(VIF = 3.6V, VBUS = 5V unless otherwise noted; TA = 25°C, specifications over temperature,
-40 to 85°C)
Table 12.
DC electrical characteristics (transceiver)
(VIF = 3.6V, VBUS = 5V unless otherwise noted; TA = 25°C)
(3) Pins D+, D-
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ESD
IEC-1000-4-2 (D+, D-)
Air Discharge (10 pulses)
± 8
KV
Contact Discharge (10 pulses)
± 6
IEC-1000-4-2 (VBUS only)
Air Discharge (10 pulses)
± 5
Contact Discharge (10 pulses)
± 5
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ILO
Hi-Z State Data Line Leakage
(Suspend Mode)
VI = 0 to 3.3 V, SUS = 1
-10
10
µA
VDI
Differential Input Sensitivity
|(D+) - (D-)|
0.2
V
VCM
Differential Common Mode
Range
Includes VDI range
0.8
2.5
V
VSE
Single Ended Receiver Threshold
Low to high transition
0.8
1.6
2.0
V
High to low transition
0.8
1.1
2.0
V
VRHYS Receiver Hysteresis
VCM = 0.8 V
100
mV
VOL
Static Output Low
RL = 1.5 KΩ at 3.6V (see test
circuit)
00.3
V
VOH
Static Output High
RL = 15 KΩ at GND (see test
circuit)
2.8
3.6
V
CI
Transceiver Capacitance
Pin to GND
25
pF
ZDRV
Driver Output Resistance
Steady state drive
8
24
Ω
RPU_D+ D+ Data line pull-up resistance
BUS idle
900
1575
Ω
Receive mode
1425
3090
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ILO
Hi-Z State Data Line Leakage
(Suspend Mode)
VI = 0 to 3.3 V, SUS = 1
-2
2
µA
VDI
Differential Input Sensitivity
|(D+) - (D-)|
0.2
V
VCM
Differential Common Mode
Range
Includes VDI range
0.8
2.5
V
VSE
Single Ended Receiver Threshold
Low to high transition
0.8
1.6
2.0
V
High to low transition
0.8
1.1
2.0
V
VRHYS Receiver Hysteresis
VCM = 0.8 V
50
mV
VOL
Static Output Low
RL = 1.5 KΩ at 3.6V
(see
Test circuits)
0.3
V
VOH
Static Output High
RL = 15 KΩ at GND
(see
Test circuits)
2.8
3.6
V
CI
Transceiver Capacitance (3)
Pin to GND
25
pF
ZDRV
Driver Output Resistance
Steady state drive
16
Ω
RPU_D+ D+ Data line pull-up resistance
BUS idle
1300
Ω
Receive mode
2200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com