Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB03E Datasheet(PDF) 1 Page - STMicroelectronics

Part # STUSB03E
Description  USB Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB03E Datasheet(HTML) 1 Page - STMicroelectronics

  STUSB03E Datasheet HTML 1Page - STMicroelectronics STUSB03E Datasheet HTML 2Page - STMicroelectronics STUSB03E Datasheet HTML 3Page - STMicroelectronics STUSB03E Datasheet HTML 4Page - STMicroelectronics STUSB03E Datasheet HTML 5Page - STMicroelectronics STUSB03E Datasheet HTML 6Page - STMicroelectronics STUSB03E Datasheet HTML 7Page - STMicroelectronics STUSB03E Datasheet HTML 8Page - STMicroelectronics STUSB03E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
March 2007
Rev. 2
1/20
20
STUSB03E
USB Transceiver
General features
■ Compliant to USB V2.0 for full-speed (12Mb/s)
and low-speed (1.5Mbps) operation
■ HBM = ±14kV on D+, D– lines; ±5kV on VBUS
■ ESD Compliant to IEC-61000-4.2 (level 3) on
D+, D- lines
■ Separate I/O supply with operation down to
1.6V
■ Integrated 3.3V output LDO
■ Very low power consumption to meet USB
‘suspend’ current requirements
■ Small QFN16 lead free package 3x3 mm2
■ No power supply sequencing requirements
■ Software controlled re-enumeration
■ Integrated D+ pull-up resistor for FS operation
Description
The STUSB03E is a single chip transceiver that
complies with the physical layer specifications of
the Universal Serial Bus (USB) v2.0 standard. It
has an integrated 5V to 3.3V regulator which
allows direct powering from the VBUS. The
transceiver has an integrated voltage detector to
detect the presence of the VBUS voltage and
features an internal D+ pull-up resistor
implemented in accordance with the 27% resistor
ECN.
The STUSB03E also supports Sharing mode
when VBUS is not present, which allows the D+/D–
lines to be shared with other serial protocols.
It supports both full-speed (12Mbps) and low-
speed (1.5Mbps) operation. It is also designed to
operate down to 1.6V so that it is compatible with
lower system voltages of most portable systems,
which include PDAs, MP3 Player and Cell phones.
www.st.com
QFN16 (3mm x 3mm)
Order code
Part number
Package
Packaging
STUSB03EQR
QFN16 (3mm x 3mm)
3000 parts per reel


Similar Part No. - STUSB03E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STUSB02E STMICROELECTRONICS-STUSB02E Datasheet
480Kb / 20P
USB Transceiver
19-Oct-2005
STUSB02E STMICROELECTRONICS-STUSB02E Datasheet
363Kb / 20P
USB Transceiver
14-Mar-2007
STUSB02EQR STMICROELECTRONICS-STUSB02EQR Datasheet
480Kb / 20P
USB Transceiver
19-Oct-2005
STUSB02EQR STMICROELECTRONICS-STUSB02EQR Datasheet
363Kb / 20P
USB Transceiver
14-Mar-2007
STUSB02E STMICROELECTRONICS-STUSB02E_07 Datasheet
363Kb / 20P
USB Transceiver
14-Mar-2007
More results

Similar Description - STUSB03E

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4170 AKM-AK4170 Datasheet
82Kb / 10P
USB TRANSCEIVER
logo
Micrel Semiconductor
MIC2551A MICREL-MIC2551A Datasheet
79Kb / 11P
USB TRANSCEIVER
logo
STMicroelectronics
STUSB02E STMICROELECTRONICS-STUSB02E Datasheet
480Kb / 20P
USB Transceiver
19-Oct-2005
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555 Datasheet
306Kb / 29P
USB - OTG Transceiver
MIC2551A-2.5 MICREL-MIC2551A-2.5 Datasheet
656Kb / 10P
USB Transceiver
MIC2551 MICREL-MIC2551 Datasheet
67Kb / 10P
USB Transceiver
logo
STMicroelectronics
STUSB02E STMICROELECTRONICS-STUSB02E_07 Datasheet
363Kb / 20P
USB Transceiver
14-Mar-2007
logo
Micrel Semiconductor
MIC2551A MICREL-MIC2551A_11 Datasheet
96Kb / 11P
USB Transceiver
MIC2551A-2.5 MICREL-MIC2551A-2.5_10 Datasheet
498Kb / 10P
USB Transceiver
MIC2551 MICREL-MIC2551_08 Datasheet
94Kb / 11P
USB Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com