Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB03E Datasheet(PDF) 5 Page - STMicroelectronics

Part # STUSB03E
Description  USB Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB03E Datasheet(HTML) 5 Page - STMicroelectronics

  STUSB03E Datasheet HTML 1Page - STMicroelectronics STUSB03E Datasheet HTML 2Page - STMicroelectronics STUSB03E Datasheet HTML 3Page - STMicroelectronics STUSB03E Datasheet HTML 4Page - STMicroelectronics STUSB03E Datasheet HTML 5Page - STMicroelectronics STUSB03E Datasheet HTML 6Page - STMicroelectronics STUSB03E Datasheet HTML 7Page - STMicroelectronics STUSB03E Datasheet HTML 8Page - STMicroelectronics STUSB03E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
STUSB03E
Functional tables
5/20
3
Functional tables
Table 2.
Function selection
(1) During suspend VP and VM are active in order to detect out of band signalling conditions
Table 3.
Sharing mode pin configuration
Table 4.
VPU Status
Table 5.
Truth table during normal Mode
X = Undefined
SUS
OE#
D+, D-
RCV
VP/VM
Function
L
L
Driving
Active
Active
Normal transmit mode
L
H
Receiving
Active
Active
Normal receive mode
H
L
Hi-Z
L
Not Active Low power state
HH
Hi-Z
L
Active
Receiving during suspend (low power state) (1)
Input/output
Status
VBUS
Floating or connected to GND
VIF
1.6V to 3.6V input
D+, D-,
High impedance
VP, VM
High
RCV
Low
SPD
High impedance
VBUSDET
Low
VPU
High impedance
#OE, SUS, CON
High impedance inputs
SPD
RSEL
CON
VPU
H
H
X
High impedance
H
L
L
High impedance
HL
H
3.3V ± 10%
L
X
L
High impedance
LX
H
3.3V ± 10%
OE# = L
Input
Output
Result
VP
VM
D+
D-
RCV
L
LLL
X
SE0
L
H
L
H
L
Logic Low
H
L
H
L
H
Logic High
H
H
XXX
Undefined
OE# = H
Input
Output
RESULT
D+
D-
VP
VM
RCV
L
LLL
X
SE0
L
H
L
H
L
Logic Low
H
L
H
L
H
Logic High
H
H
XXX
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com