Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BE2M1 Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST7263BE2M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BE2M1 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST7263BE2M1 Datasheet HTML 53Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 54Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 55Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 56Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 57Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 58Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 59Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 60Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
57/145
16-bit timer (Cont’d)
12.2.4 Low power modes
12.2.5 Interrupts
Note: The 16-bit timer interrupt events are connected to the same interrupt vector (see Interrupts chap-
ter). These events generate an interrupt if the corresponding Enable Control Bit is set and the interrupt
mask in the CC register is reset (RIM instruction).
12.2.6 Summary of timer modes
1) See note 4 in Section 12.2.3.5, "One Pulse mode"
2) See note 5 in Section 12.2.3.5, "One Pulse mode"
3) See note 4 in Section 12.2.3.6, "Pulse Width Modulation mode"
Mode
Description
Wait
No effect on 16-bit timer.
Timer interrupts cause the device to exit from Wait mode.
Halt
16-bit timer registers are frozen.
In Halt mode, the counter stops counting until Halt mode is exited. Counting resumes from the previous
count when the MCU is woken up by an interrupt with “exit from Halt mode” capability or from the counter
reset value when the MCU is woken up by a RESET.
If an input capture event occurs on the ICAPi pin, the input capture detection circuitry is armed. Consequent-
ly, when the MCU is woken up by an interrupt with “exit from Halt mode” capability, the ICFi bit is set, and
the counter value present when exiting from Halt mode is captured into the ICiR register.
Interrupt event
Event
flag
Enable
control
bit
Exit
from
Wait
Exit
from
Halt
Input Capture 1 event/Counter reset in PWM mode
ICF1
ICIE
Yes
No
Input Capture 2 event
ICF2
Output Compare 1 event (not available in PWM mode)
OCF1
OCIE
Output Compare 2 event (not available in PWM mode)
OCF2
Timer Overflow event
TOF
TOIE
MODES
Timer resources
Input Capture 1
Input Capture 2
Output Compare 1 Output Compare 2
Input Capture (1 and/or 2)
Yes
Yes
Yes
Yes
Output Compare (1 and/or 2)
One Pulse mode
No
Not Recommended1)
No
Partially 2)
PWM mode
Not Recommended3)
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com