Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BE2M1 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST7263BE2M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BE2M1 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST7263BE2M1 Datasheet HTML 11Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 12Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 13Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 14Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 15Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 16Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 17Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 18Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
15/145
Table 5. Hardware register memory map
Address
Block
Register label
Register name
Reset status
Remarks
0000h
0001h
Port A
PADR
PADDR
Port A Data Register
Port A Data Direction Register
00h
00h
R/W
R/W
0002h
0003h
Port B
PBDR
PBDDR
Port B Data Register
Port B Data Direction Register
00h
00h
R/W
R/W
0004h
0005h
Port C
PCDR
PCDDR
Port C Data Register
Port C Data Direction Register
1111 x000b
1111 x000b
R/W
R/W
0006h
0007h
Port D
PDDR
PDDDR
Port D Data Register
Port D Data Direction Register
00h
00h
R/W
R/W
0008h
ITC
ITIFRE
Interrupt Register
00h
R/W
0009h
MISC
MISCR
Miscellaneous Register
00h
R/W
000Ah
000Bh
ADC
ADCDR
ADCCSR
ADC Data Register
ADC control Status register
00h
00h
Read only
R/W
000Ch
WDG
WDGCR
Watchdog Control Register
7Fh
R/W
000Dh
to
0010h
Reserved (4 bytes)
0011h
0012h
0013h
0014h
0015h
0016h
0017h
0018h
0019h
001Ah
001Bh
001Ch
001Dh
001Eh
001Fh
TIM
TCR2
TCR1
TCSR
TIC1HR
TIC1LR
TOC1HR
TOC1LR
TCHR
TCLR
TACHR
TACLR
TIC2HR
TIC2LR
TOC2HR
TOC2LR
Timer Control Register 2
Timer Control Register 1
Timer Control/Status Register
Timer Input Capture High Register 1
Timer Input Capture Low Register 1
Timer Output Compare High Register 1
Timer Output Compare Low Register 1
Timer Counter High Register
Timer Counter Low Register
Timer Alternate Counter High Register
Timer Alternate Counter Low Register
Timer Input Capture High Register 2
Timer Input Capture Low Register 2
Timer Output Compare High Register 2
Timer Output Compare Low Register 2
00h
00h
00h
xxh
xxh
80h
00h
FFh
FCh
FFh
FCh
xxh
xxh
80h
00h
R/W
R/W
R/W
Read only
Read only
R/W
R/W
Read only
R/W
Read only
R/W
Read only
Read only
R/W
R/W
0020h
0021h
0022h
0023h
0024h
SCI
SCISR
SCIDR
SCIBRR
SCICR1
SCICR2
SCI Status Register
SCI Data Register
SCI Baud Rate Register
SCI Control Register 1
SCI Control Register 2
C0h
xxh
00h
x000 0000b
00h
Read only
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com