Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BE2M1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST7263BE2M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BE2M1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST7263BE2M1 Datasheet HTML 7Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 8Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 9Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 10Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 11Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 12Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 13Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 14Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
11/145
Table 2. Device pin description (QFN40, LQFP48, SO34 and SDIP32)
Pin n°
Pin name
Level
Port / Control
Main
function
(after
reset)
Alternate function
Input
Output
117
6
VDD
S
Power supply voltage (4V - 5.5V)
2
2
8
7
OSCOUT
O
Oscillator output
3
3
9
8
OSCIN
I
Oscillator input
44
10
9
VSS
S
Digital ground
5
5
11 10 PC2/USBOE
I/O
CT
X
X
Port C2
USB Output Enable
6
6
12 13 PC1/TDO
I/O
CT
X
X
Port C1
SCI Transmit Data Out-
put
7
7
13 14 PC0/RDI
I/O CT
X
X
Port C0
SCI Receive Data Input
8
8
14 15 RESET
I/O
X
XReset
-
9
15 16 NC
--
Not connected
-
-
16 17 NC
--
Not connected
-
-
-
18 NC
--
Not connected
-
-
-
19 NC
--
Not connected
-
-
-
20 NC
--
Not connected
-
-
-
21 NC
--
Not connected
-
-
-
22 NC
--
Not connected
9
10 17 23 PB7/AIN7/IT8
I/O CT 10mA X
XX
X
Port B7
ADC analog input 7
10 11 18 24 PB6/AIN6/IT7
I/O CT 10mA X
XX
X
Port B6
ADC analog input 6
11 12 19 25 VPP/TEST
S
Programming supply
12 13 20 26 PB5/AIN5/IT6
I/O CT 10mA X
XX
X
Port B5
ADC analog input 5
13 14 21 27 PB4/AIN4/IT5
I/O CT 10mA X
XX
X
Port B4
ADC analog input 4
14 15 22 28 PB3/AIN3
I/O CT 10mA X
XX
Port B3
ADC analog input 3
15 16 23 29 PB2/AIN2
I/O CT 10mA X
XX
Port B2
ADC analog input 2
16 17 24 30 PB1/AIN1
I/O CT 10mA X
XX
Port B1
ADC analog input 1
17 18 25 31 PB0/AIN0
I/O CT 10mA X
XX
Port B0
ADC analog Input 0
18 19 26 32 PA7/OCMP2/IT4
I/O
CT
X
XX
Port A7
Timer Output Compare
2
19 20 27 33 PA6/OCMP1/IT3
I/O
CT
X
XX
Port A6
Timer Output Compare
1
20 21 28 34 PA5/ICAP2/IT2
I/O
CT
X
XX
Port A5
Timer Input Capture 2
21 22 29 35 PA4/ICAP1/IT1
I/O
CT
X
XX
Port A4
Timer Input Capture 1
22 23 30 36 PA3/EXTCLK
I/O
CT
X
X
Port A3
Timer External Clock
23 24 31 38 PA2/SCL/ICCCLK
I/O CT 25mA X
T
Port A2
I²C serial clock, ICC
Clock
-
-
32 39 PD01)/AIN8
I/O CT
X
XX
Port D0
ADC analog Input 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com