Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BE2M1 Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST7263BE2M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BE2M1 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST7263BE2M1 Datasheet HTML 82Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 83Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 84Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 85Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 86Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 87Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 88Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 89Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
86/145
12.5 I²C bus interface (I²C)
12.5.1 Introduction
The I²C Bus Interface serves as an interface be-
tween the microcontroller and the serial I²C bus. It
provides both multimaster and slave functions,
and controls all I²C bus-specific sequencing, pro-
tocol, arbitration and timing. It supports fast I²C
mode (400 kHz).
12.5.2 Main features
■
Parallel-bus/I²C protocol converter
■
Multi-master capability
■
7-bit Addressing
■
Transmitter/Receiver flag
■
End-of-byte transmission flag
■
Transfer problem detection
I²C master features:
■
Clock generation
■
I²C bus busy flag
■
Arbitration Lost flag
■
End of byte transmission flag
■
Transmitter/Receiver flag
■
Start bit detection flag
■
Start and Stop generation
I²C slave features:
■
Stop bit detection
■
I²C bus busy flag
■
Detection of misplaced start or stop condition
■
Programmable I²C Address detection
■
Transfer problem detection
■
End-of-byte transmission flag
■
Transmitter/Receiver flag
12.5.3 General description
In addition to receiving and transmitting data, this
interface converts it from serial to parallel format
and vice versa, using either an interrupt or polled
handshake. The interrupts are enabled or disabled
by software. The interface is connected to the I²C
bus by a data pin (SDAI) and by a clock pin (SCLI).
It can be connected both with a standard I²C bus
and a Fast I²C bus. This selection is made by soft-
ware.
Mode selection
The interface can operate in the four following
modes:
– Slave transmitter/receiver
– Master transmitter/receiver
By default, it operates in slave mode.
The interface automatically switches from slave to
master after it generates a START condition and
from master to slave in case of arbitration loss or a
STOP generation, allowing then Multi-Master ca-
pability.
Communication flow
In Master mode, it initiates a data transfer and
generates the clock signal. A serial data transfer
always begins with a start condition and ends with
a stop condition. Both start and stop conditions are
generated in master mode by software.
In Slave mode, the interface is capable of recog-
nising its own address (7-bit), and the General Call
address. The General Call address detection may
be enabled or disabled by software.
Data and addresses are transferred as 8-bit bytes,
MSB first. The first byte following the start condi-
tion is the address byte; it is always transmitted in
Master mode.
A 9th clock pulse follows the 8 clock cycles of a
byte transfer, during which the receiver must send
an acknowledge bit to the transmitter. Refer to Fig-
ure 43.
Figure 43. I²C bus protocol
SCL
SDA
12
8
9
MSB
ACK
STOP
START
CONDITION
CONDITION
VR02119B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com