Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BE2M1 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST7263BE2M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BE2M1 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST7263BE2M1 Datasheet HTML 8Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 9Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 10Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 11Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 12Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 13Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 14Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 15Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
12/145
Note:
1. Port D functions are not available on the 8K version of the QFN40 package (ST7263BK2) and should not be connect-
ed.
2. The drive from USBVcc is sufficient to only drive an external pull-up in addition to the internal transceiver.
Table 3. Device pin description (SO24)
-
-
33 40 PD11)/AIN9
I/O CT
X
XX
Port D1
ADC analog Input 9
-
-
34 41 PD21)/AIN10
I/O CT
X
XX
Port D2
ADC analog Input 10
-
-
35 42 PD31)/AIN11
I/O CT
X
XX
Port D3
ADC analog Input 11
-
-
36 43 PD41)
I/O CT
XX
Port D4
-
-
37 44 PD51)
I/O CT
XX
Port D5
-
-
38 45 PD61)
I/O CT
XX
Port D6
-
-
39 46 PD71)
I/O CT
XX
Port D7
-
25
-
-
NC
--
Not connected
24 26
-
-
NC
--
Not connected
25 27
-
-
NC
--
Not connected
26 28 40 47 PA1/SDA/ICCDATA
I/O CT 25mA X
T
Port A1
I²C serial data, ICC
Data
27 29
1
48 PA0/MCO
I/O
CT
XX
Port A0
Main Clock Output
28 30
2
1
VSSA
S
Analog ground
29 31
3
2
USBDP
I/O
USB bidirectional data (data +)
30 32
4
3
USBDM
I/O
USB bidirectional data (data -)
31 33
5
4
USBVCC 2)
O
USB power supply 2)
32 34
6
5
VDDA
S
Analog supply voltage
Pin n°
Pin Name
Level
Port / Control
Main
Function
(after reset)
Alternate Function
Input
Output
1VDD
S
Power supply voltage (4V - 5.5V)
2
OSCOUT
O
Oscillator output
3
OSCIN
I
Oscillator input
4VSS
S
Digital ground
5PC1/TDO
I/O
CT
X
X
Port C1
SCI Transmit Data Out-
put
6
PC0/RDI
I/O
CT
X
X
Port C0
SCI Receive Data Input
7
RESET
I/O
X
X
Reset
Pin n°
Pin name
Level
Port / Control
Main
function
(after
reset)
Alternate function
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com